NET-50D
AI

The **NET-50D** is a member of the Mean Well NET series, which are 50W triple-output, open-frame AC/DC switching power supplies. These units are widely used in networking, telecommunications, and industrial automation.
---
## 1. Core Technical Specifications
The electronic architecture is designed for high efficiency and universal compatibility.
| Parameter | Specification Details |
| :--- | :--- |
| **Total Power** | 50 Watts |
| **Input Voltage** | 85 ~ 264VAC (Universal) or 120 ~ 370VDC |
| **Output Channels** | 3 (Triple Output) |
| **Cooling** | Free air convection |
| **Protection** | Short circuit, Overload, Overvoltage |
---
## 2. Component Breakdown & Circuitry
The NET-50D consists of several critical electronic stages that manage power conversion:
### A. Input Stage (EMI Filtering)
* **Bridge Rectifier:** Converts the incoming AC voltage to a pulsating DC voltage.
* **Input Filter:** Includes capacitors and common-mode chokes to suppress Electromagnetic Interference (EMI) to meet EN55022 (CISPR22) Class B standards.
### B. Switching Stage (PWM Control)
* **Switching Controller:** Uses Pulse Width Modulation (PWM) to regulate the output by turning the high-voltage DC on and off at high frequencies.
* **Power MOSFET:** The primary switching element that handles the high-frequency pulsing.
### C. Output Stage (Rectification & Filtering)
The NET-50D provides three distinct rails. Typically, the configuration for a "D" model is:
1. **CH1 (+5V):** The primary rail with the highest current capacity.
2. **CH2 (+12V):** Secondary rail for peripheral components.
3. **CH3 (-12V):** Tertiary rail for analog circuits or specific communication interfaces.
---
## 3. Output Configuration Details
Because this is a triple-output supply, the electronic design shares a ground but manages different current limits:
| Output Rail | Voltage | Current Range | Ripple & Noise |
| :--- | :--- | :--- | :--- |
| **Channel 1** | +5V | 0.6 ~ 6.0A | 80mVp-p |
| **Channel 2** | +12V | 0.2 ~ 2.0A | 120mVp-p |
| **Channel 3** | -12V | 0.1 ~ 0.5A | 120mVp-p |
---
## 4. Safety and Protection Features
* **Overload Protection:** The unit enters "Hiccup mode" when the load exceeds 105-150% of the rated power. It recovers automatically once the fault condition is removed.
* **Isolation:** The electronic parts are designed to withstand high voltages between input and output (**3kVAC Isolation**).
* **Electrolytic Capacitors:** These are rated for high temperatures (usually 105°C) to ensure a long lifecycle under continuous operation.
- ⤷
What are the mechanical dimensions and mounting options for the NET-50D?
- ⤷ How does the 'Hiccup mode' protection function during a short circuit?
- ⤷ Can the output voltages be adjusted manually on this specific model?