Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • NET2270

  • AI
    The **NET2270** is a high-performance USB 2.0 peripheral controller chip designed by PLX Technology (now part of Broadcom). It is primarily used to bridge a local CPU bus to a USB 2.0 interface, allowing devices with standard microprocessors to act as USB peripherals. --- ## 1. Core Specifications The NET2270 is known for its high speed and flexibility. Below are its key technical attributes: | Feature | Specification | | :--- | :--- | | **USB Version** | USB 2.0 (High-Speed & Full-Speed) | | **Data Rate** | Up to 480 Mbps | | **Interface** | 8-bit or 16-bit generic Local Bus | | **Endpoints** | 6 Configurable Endpoints | | **FIFO Memory** | 8 KB Internal FIFO | | **Power Supply** | 3.3V I/O with 1.8V Core | | **Package** | 64-pin TQFP | --- ## 2. Functional Components To understand the electronic operation of the NET2270, we can break it down into four main blocks: ### A. The USB Transceiver (PHY) The chip contains an integrated physical layer (PHY). This handles the differential signaling (D+/D-) required for USB communication. It includes on-chip resistors to minimize the need for external components, reducing the overall PCB footprint. ### B. The Serial Interface Engine (SIE) The SIE is the "brain" of the USB communication. It manages: * Packet decoding/encoding. * Error detection (CRC). * Address recognition. * Handshaking (ACK/NAK). ### C. Internal FIFO and DMA The **8 KB FIFO** acts as a buffer between the fast USB clock domain and the slower local CPU clock domain. The chip supports **Direct Memory Access (DMA)**, which allows data to be moved directly between the local bus and the USB buffers without constant CPU intervention, significantly reducing CPU overhead. ### D. Local CPU Interface This is the component that connects to your microcontroller (e.g., an ARM, MIPS, or FPGA). It acts like an asynchronous SRAM interface, using standard signals like: * `CS#` (Chip Select) * `RD#` / `WR#` (Read/Write) * `ALE` (Address Latch Enable) * `IRQ#` (Interrupt Request) --- ## 3. Typical Application Schematic When designing a circuit with the NET2270, the following electronic considerations are critical: 1. **Clocking:** Requires an external **30 MHz crystal** oscillator. 2. **Voltage Regulation:** While the I/O is 3.3V tolerant, the core operates at 1.8V. Most designs use a Small Outline Transistor (SOT) regulator to step down the voltage. 3. **Termination:** High-speed USB signals (D+/D-) require controlled 90-ohm differential impedance on the PCB traces to prevent signal reflection. --- ## 4. Key Advantages * **Low Power:** Features an "Ultra-Low Power" mode for battery-operated devices. * **Software Support:** PLX provides a comprehensive USB software stack, reducing development time for firmware engineers. * **Versatility:** Since it uses a generic bus, it can be interfaced with almost any CPU or even an FPGA (Field Programmable Gate Array).
    ✨ Follow-up Questions
    • ⤷ What are the power consumption specifications for the NET2270 in sleep mode?
    • ⤷ How does the NET2270 handle DMA transfers compared to Interrupt-driven I/O?
    • ⤷ What are the common alternatives to the NET2270 for USB 2.0 peripheral control?