Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • NET2282-AB33PCF

  • AI
    ## Overview of NET2282-AB33PCF The **NET2282-AB33PCF** is a high-performance Peripheral Component Interconnect (PCI) to USB 2.0 High-Speed Peripheral Controller. It is designed to allow easy integration of USB functionality into systems that utilize a standard local bus or PCI interface. --- ### Core Specifications The following table summarizes the key technical parameters of the device: | Parameter | Specification | | :--- | :--- | | **Interface Type** | PCI to USB 2.0 Hi-Speed | | **USB Speed** | 480 Mbps (High Speed) & 12 Mbps (Full Speed) | | **Local Bus Width** | 32-bit, 33MHz | | **Endpoints** | 6 Configurable Endpoints | | **FIFO Memory** | 8 KB Internal FIFO | | **Supply Voltage** | 3.3V (with 5V tolerant I/O) | | **Package Type** | 120-pin TQFP (Thin Quad Flat Pack) | | **Operating Temp** | 0°C to +70°C (Commercial Grade) | --- ### Key Features and Electronic Components #### 1. Integrated PHY (Physical Layer) The NET2282 includes an on-chip USB 2.0 PHY. This eliminates the need for external transceivers, reducing the overall Bill of Materials (BOM) and saving PCB space. #### 2. Local Bus Interface The chip acts as a bridge. On one side, it connects to a **32-bit / 33MHz asynchronous local bus**. This makes it compatible with various microprocessors, DSPs, and FPGAs that lack native USB support. #### 3. Endpoint Management It features 6 flexible endpoints that can be configured for different transfer types: * **Bulk** (Large data transfers) * **Interrupt** (Low latency messaging) * **Isochronous** (Streaming data like audio/video) #### 4. DMA (Direct Memory Access) Support The controller supports high-speed DMA transfers. This allows data to move directly between the USB bus and the local system memory without constant CPU intervention, significantly reducing CPU overhead. --- ### Typical Application Circuitry To implement the NET2282 in a design, the following supporting electronic components are usually required: * **Crystal Oscillator:** Typically a 30MHz crystal is required for the internal PLL to generate the necessary USB clock frequencies. * **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors placed near the $V_{CC}$ pins to filter power supply noise. * **Termination Resistors:** While many modern controllers integrate these, specific precision resistors may be required for the $D+$ and $D-$ lines depending on the PCB layout. * **Voltage Regulator:** If the system main power is 5V, a 3.3V regulator is needed to power the NET2282. --- ### Pin Configuration Categories | Group | Function | | :--- | :--- | | **USB Signals** | DP, DM (Differential pairs for data) | | **Local Bus** | AD[31:0], ALE, RD#, WR#, CS# | | **Control/Status** | RESET#, IRQ#, SUSPEND | | **Power** | VCC (3.3V), VSS (GND) |
    ✨ Follow-up Questions
    • ⤷What is the power consumption profile of the NET2282 during High-Speed operation?
    • ⤷ How does the NET2282 compare to the NET2272 in terms of performance?
    • ⤷ Can the NET2282 be used in an industrial temperature range environment?