AI

The **NRF24L01P-R** is a highly popular, single-chip 2.4GHz transceiver designed for ultra-low power wireless applications. It is the "Plus" (+) version of the original NRF24L01, offering improved range and sensitivity.
---
## 1. Technical Specifications
The core electronic characteristics of the NRF24L01P-R define its performance in wireless communication.
| Parameter | Specification |
| :--- | :--- |
| **Operating Frequency** | 2.400 GHz to 2.4835 GHz (ISM Band) |
| **Data Rate** | 250 kbps, 1 Mbps, or 2 Mbps |
| **Operating Voltage** | 1.9V to 3.6V (Inputs are 5V tolerant) |
| **Current (TX @ 0dBm)** | ~11.3 mA |
| **Current (RX @ 2Mbps)** | ~13.5 mA |
| **Current (Power Down)** | 900 nA |
| **Interface** | 4-wire SPI (up to 10 MHz) |
| **Package** | 20-pin QFN (4mm x 4mm) |
---
## 2. Pinout and Hardware Components
The chip requires a few external components to function, typically found on pre-made modules like the "NRF24L01+ PA/LNA".
### Internal Subsystems
1. **Radio Front End:** Handles the modulation (GFSK) and high-frequency signal transmission.
2. **Baseband Engine (Enhanced ShockBurst™):** Manages packet handling, automatic acknowledgment (ACK), and retransmissions, reducing the load on the host MCU.
3. **Power Management:** Regulators that allow the chip to operate down to 1.9V.
### External Component Requirements
* **Crystal Oscillator:** Typically requires a 16MHz crystal with a specific load capacitance.
* **Decoupling Capacitors:** Essential for stabilizing the voltage, usually a 10µF and a 0.1µF capacitor placed close to the VCC pin.
* **Antenna Matching Network:** A combination of inductors and capacitors (LC circuit) to match the 50Ω antenna impedance.
---
## 3. Communication Interface
The NRF24L01P-R communicates with a microcontroller (like Arduino, STM32, or ESP32) using the **SPI protocol**.
### Connection Table
| Pin | Name | Description |
| :--- | :--- | :--- |
| **VCC** | Power | 1.9V - 3.6V (Do NOT connect to 5V) |
| **GND** | Ground | Common Ground |
| **CE** | Chip Enable | Activates RX or TX mode |
| **CSN** | SPI Chip Select | Tells the chip the SPI bus is active |
| **SCK** | SPI Clock | Serial clock for data synchronization |
| **MOSI** | Master Out Slave In | Data from MCU to NRF24 |
| **MISO** | Master In Slave Out | Data from NRF24 to MCU |
| **IRQ** | Interrupt Request | Signal to MCU that data is received or sent |
---
## 4. Key Features
* **Multiceiver™:** The chip can listen to up to 6 different data pipes (addresses) simultaneously.
* **Auto-ACK:** The hardware automatically sends an acknowledgment packet back to the sender, ensuring data integrity without manual coding.
* **5V Tolerant Inputs:** While the power must be 3.3V, the data pins (SPI) can handle 5V logic from an Arduino Uno.
---
- ⤷
How do I wire an NRF24L01P-R to an Arduino Nano safely?
- ⤷ What is the difference between the NRF24L01 and the NRF24L01P-R?
- ⤷ Why does my NRF24L01 module require an external capacitor for stable operation?