O-CS8-ALTYZEWL-R
AI

The part number **O-CS8-ALTYZEWL-R** typically refers to a high-performance **Oven Controlled Crystal Oscillator (OCXO)**. These components are critical in electronics where extreme frequency stability is required, regardless of temperature fluctuations.
---
### 1. Component Overview
The "O-CS8" series is often associated with specialized timing modules used in telecommunications and synchronization equipment.
| Feature | Description |
| :--- | :--- |
| **Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Stability** | High precision (typically in the ppb - parts per billion range) |
| **Package** | Through-hole or SMD (Standardized 8-pin footprints) |
| **Primary Use** | Network synchronization, cellular base stations, and test equipment |
---
### 2. Core Electronic Parts & Functionality
To understand how this part works, we can break down its internal architecture:
#### A. The Crystal Unit (Quartz)
The heart of the device is a high-quality quartz crystal. In the ALTYZEWL variant, this is usually an **SC-cut (Stress Compensated)** crystal, which offers better thermal stability than standard AT-cut crystals.
#### B. The Oven (Heating Element)
Unlike standard oscillators, an OCXO contains an internal heating element and a thermistor.
* **Purpose:** It heats the crystal to a specific "turn-over" temperature (usually around 75°C to 85°C).
* **Result:** By keeping the crystal at a constant, elevated temperature, it remains immune to changes in the external ambient temperature.
#### C. Control Circuitry
The internal board contains:
1. **Temperature Controller:** A proportional control loop (often using an Op-Amp or dedicated IC) that regulates power to the heater.
2. **Buffer Amplifier:** Ensures the output signal (CMOS or Sine wave) remains clean and can drive the load without affecting the crystal's frequency.
3. **Voltage Regulator:** Minimizes "pushing" (frequency shifts caused by supply voltage fluctuations).
---
### 3. Key Specifications
While specific datasheets vary by manufacturer, parts in this category generally follow these parameters:
| Parameter | Common Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 3.3V or 5.0V |
| **Frequency Range** | Typically 10MHz to 100MHz |
| **Operating Temp** | -40°C to +85°C |
| **Frequency Stability** | $\pm$5 ppb to $\pm$50 ppb |
| **Warm-up Time** | < 3 to 5 minutes |
---
### 4. Application Example (Block Diagram)
```mermaid
graph LR
A[Power Supply] --> B[Internal Regulator]
B --> C[Heater Control Loop]
C --> D[Crystal Oven]
D --> E[Oscillator Circuit]
E --> F[Output Buffer]
F --> G[System Clock Output]
```
---
- ⤷
What is the difference between an OCXO and a TCXO in terms of power consumption?
- ⤷ How does the 'SC-cut' crystal improve performance over an 'AT-cut'?
- ⤷ What are the typical pinout configurations for an 8-pin OCXO?