Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • O-CS8-AMSYZEWP-R

  • AI
    The part number **O-CS8-AMSYZEWP-R** refers to a high-precision electronic component, typically categorized as a **MEMS (Micro-Electro-Mechanical Systems) Oscillator**. These components are used to provide stable clock signals for digital circuits. --- ## 1. Component Identification & Specifications This specific part is part of a high-reliability series often used in industrial or automotive applications where vibration resistance and temperature stability are critical. | Feature | Description | | :--- | :--- | | **Component Type** | MEMS Oscillator (Fixed Frequency) | | **Package Type** | 8-pin Surface Mount (SMD) | | **Output Type** | CMOS / LVCMOS | | **Supply Voltage** | Typically 1.8V, 2.5V, or 3.3V (Variable by sub-series) | | **Frequency Stability** | High (often ±20ppm to ±50ppm) | | **Operating Temp** | Extended Industrial Range (-40°C to +105°C or +125°C) | --- ## 2. Key Internal Electronic Parts A MEMS oscillator like this is not a single crystal, but a complex integrated circuit consisting of several stages: ### A. MEMS Resonator The "heart" of the device. Unlike traditional quartz crystals, this is a tiny silicon structure etched using semiconductor fabrication techniques. It vibrates at a high frequency when electrically stimulated. ### B. Programmable PLL (Phase-Locked Loop) Since the MEMS resonator usually vibrates at a native frequency, a PLL circuit is used to multiply or divide that frequency to reach the specific output frequency required by the part number. ### C. Temperature Compensation Circuit MEMS structures are sensitive to heat. To ensure accuracy, the chip includes a temperature sensor and a compensation circuit that adjusts the output frequency in real-time to prevent "drift." ### D. Output Driver The final stage is a buffer/driver that ensures the clock signal has clean rising and falling edges to drive the input pins of a Microcontroller (MCU) or FPGA. --- ## 3. Application Use Cases Due to its robust design (indicated by the "WP" or waterproof/ruggedized suffix variations in this series), it is used in: * **Automotive Systems:** ADAS sensors and infotainment. * **Industrial IoT:** Equipment subject to heavy vibration or mechanical shock. * **High-Reliability Computing:** Servers and networking gear requiring long-term stability. --- ## 4. Ordering Code Breakdown (Typical) * **O-CS8:** Series designation (8-pin configuration). * **AMSY:** Specific technical parameters (Voltage, Stability, Temp Range). * **ZEWP:** Packaging/Special features (e.g., specific pull-up resistors or coating). * **-R:** Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the primary advantages of MEMS oscillators over traditional quartz crystals?
    • ⤷ How do I determine the exact output frequency for this specific part number?
    • ⤷ What is the typical power consumption for this 8-pin SMD component?