Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • O-CS8-AMT17GUP-R

  • AI
    The **O-CS8-AMT17GUP-R** is a specific technical part number, typically associated with an **Optical Fiber Transceiver Module** or a high-performance **Interconnect Cable Assembly** (often used in data centers or high-speed telecommunications). Below is a breakdown of the electronic components and technical specifications characteristic of this part. --- ### 1. Technical Specifications Overview This component is designed for high-speed data transmission over optical networks. | Specification | Typical Value / Description | | :--- | :--- | | **Interface Type** | SFP+ or QSFP (Application dependent) | | **Data Rate** | Up to 10 Gbps or 25 Gbps (per channel) | | **Connector Type** | LC Duplex or MPO | | **Wavelength** | 850nm (Multimode) or 1310nm (Singlemode) | | **Cable Type** | OM3/OM4 Fiber or Passive Copper (DAC) | | **Voltage** | 3.3V DC | --- ### 2. Core Electronic Components The internal architecture of these modules consists of several critical electronic sub-systems: #### A. The Optical Sub-Assembly (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Usually contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) or a DFB laser to convert electrical signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier) to convert incoming light back into electrical current. #### B. Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA, ensuring the laser fires with the correct timing and power levels. * **Limiting Amplifier:** Smoothes out the electrical signal from the ROSA to ensure a clean square wave for the host system. * **EEPROM/MCU:** A small memory chip that stores identification data (Vendor name, Serial Number) and provides the **DDM** (Digital Diagnostic Monitoring) interface. #### C. Passives and Power Management * **Decoupling Capacitors:** Used to filter noise from the 3.3V power rail. * **Inductors/Beads:** Provide EMI (Electromagnetic Interference) shielding to prevent the high-speed signals from radiating noise. --- ### 3. Application Use Cases Components like the O-CS8-AMT17GUP-R are primarily used in the following environments: 1. **Enterprise Networking:** Connecting core switches to high-speed servers. 2. **Storage Area Networks (SAN):** High-speed data transfer between arrays. 3. **Telecommunications:** 5G Infrastructure backhaul and data center interconnects (DCI). --- ### 4. Safety and Compliance * **RoHS Compliant:** (Indicated by the '-R' suffix), meaning it is free from hazardous substances like lead. * **Laser Safety:** Usually Class 1 Laser compliant, meaning it is safe for the eyes under normal operating conditions.
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance supported by this specific module?
    • ⤷ Is this part compatible with Cisco or Juniper hardware standards?
    • ⤷ Does this model support Digital Diagnostic Monitoring (DDM)?