O-CS8-AMTYZEWL-R
AI

Based on the part number provided, this appears to be a specialized SKU, likely associated with **Zebra Technologies** (specifically related to their printing or scanning hardware ecosystem).
Below is a breakdown of the electronic components and specifications typically associated with this series of devices.
---
## 1. Product Identification
The code **O-CS8-AMTYZEWL-R** refers to a high-end configurations of a **Zebra Cradle** or **Charge Communication Stand**, often paired with the **CS6080** series of companion scanners.
| Component Category | Specification / Details |
| :--- | :--- |
| **Primary Function** | Inductive Charging & Bluetooth Communication Base |
| **Communication** | Bluetooth 5.0 (BLE) / USB-C Interface |
| **Charging Method** | Qi-standard Inductive (Wireless) Charging |
| **Compatibility** | Zebra CS6080 Series Companion Scanners |
| **Compliance** | IP65 sealing for electronic protection |
---
## 2. Key Electronic Features
### A. Inductive Charging Circuitry
Unlike traditional scanners with copper pin contacts (which wear out or corrode), this part utilizes **Inductive Power Transfer (IPT)**.
* **Transmitter Coil:** Located inside the cradle, it creates an alternating electromagnetic field.
* **Safety Logic:** Includes "Foreign Object Detection" (FOD) to prevent heating up metal objects like paperclips or coins placed on the stand.
### B. Wireless Connectivity (Point-to-Point)
The electronics include a dedicated Bluetooth radio. This allows the scanner to "pair" with the base station. The base then acts as a wedge, sending data to a host computer via a physical USB connection.
### C. Power Management Module
The unit manages input voltage (typically 5V via USB) and regulates it for:
1. **Charging:** Efficiency-optimized power delivery to the scanner battery.
2. **LED Feedback:** Driving the RGB status indicators that show charging progress and connectivity status.
---
## 3. Technical Specifications Table
| Feature | Details |
| :--- | :--- |
| **Input Voltage** | 4.5 to 5.5 VDC |
| **Interface Port** | USB Type-C |
| **Radio Frequency** | 2.4 GHz (Bluetooth Low Energy) |
| **Host Connectivity** | HID Keyboard, CDC COM Port, IBM Handheld |
| **Material** | Industrial Grade Antimicrobial Plastic (AM-suffix) |
---
## 4. Usage Environment
The **"AM"** in the part number indicates **Antimicrobial** electronics housing. This means the external plastic is impregnated with silver ions, and the internal electronic seals are designed to withstand frequent wipe-downs with harsh chemicals (like Isopropyl Alcohol), common in healthcare or food service environments.
- ⤷
What is the specific scanner model compatible with this cradle?
- ⤷ How do I reset the Bluetooth connection on this base station?
- ⤷ Does this model support daisy-chaining with other chargers?