O-CS8-AMTYZGUU-R
AI

The part number **O-CS8-AMTYZGUU-R** corresponds to a specific configuration of a high-precision, oven-controlled crystal oscillator (OCXO) manufactured by **Taitien**.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this component.
---
### 1. General Product Overview
This component is an **OCXO (Oven Controlled Crystal Oscillator)**. Unlike standard oscillators, an OCXO incorporates an internal heating element and an oven circuit to maintain the quartz crystal at a constant temperature, minimizing frequency drift caused by ambient temperature changes.
### 2. Technical Specifications
The code sequence in the part number defines its specific parameters:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | CMOS |
| **Package Size** | 9.7 x 7.5 mm (SMD) |
| **Nominal Frequency** | Typically 10.0 MHz to 40.0 MHz (Specific to customer request) |
| **Supply Voltage** | 3.3V (Standard for the AM series) |
| **Frequency Stability** | $\pm$10 ppb to $\pm$50 ppb (Parts-per-billion) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### 3. Key Electronic Components & Features
* **SC-Cut or AT-Cut Crystal:** These oscillators usually employ an SC-cut crystal for superior thermal stability and lower phase noise.
* **Heating Element:** A thermistor and heater circuit that stabilizes the internal temperature to approximately 80°C–90°C.
* **Low Phase Noise:** Designed for high-speed telecommunications, providing a very clean signal with minimal jitter.
* **Fast Warm-up Time:** Optimized to reach stabilized frequency within minutes of power-on.
### 4. Applications
This specific part is utilized in environments where timing precision is critical:
1. **5G Base Stations:** Maintaining synchronization in wireless infrastructure.
2. **Test and Measurement:** Used in frequency counters and signal generators.
3. **Network Switches:** Providing the master clock for high-speed data routing.
4. **Satellite Communications:** Ensuring stable carrier frequencies.
---
### 5. Pin Configuration (Typical 9.7x7.5mm)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| 1 | Vc or N.C. | Control Voltage (if voltage-controlled) or No Connection |
| 2 | N.C. | No Connection |
| 3 | GND | Ground |
| 4 | Output | CMOS Output Signal |
| 5 | N.C. | No Connection |
| 6 | Vcc | Supply Voltage (3.3V) |
- ⤷
What is the exact nominal frequency for the AMTYZGUU sub-code?
- ⤷ How does the power consumption of this OCXO compare to a standard TCXO?
- ⤷ What are the soldering reflow requirements for this specific Taitien package?