Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • O2116A

  • AI
    The **O2116A** typically refers to a specific model of an **Oxygen Sensor (O2 Sensor)** or an Air-Fuel Ratio sensor used primarily in automotive applications (specifically for certain Acura and Honda vehicles). --- ### 1. Function and Purpose The O2116A is an electrochemical device that measures the proportion of oxygen ($O_2$) in the exhaust gases of an internal combustion engine. This data is sent to the Engine Control Unit (ECU) to adjust the fuel injection for an optimal stoichiometric ratio (14.7:1). ### 2. Key Electronic Components An O2 sensor like the O2116A consists of several critical internal parts: | Component | Description | Material/Function | | :--- | :--- | :--- | | **Zirconia Element** | The core sensing ceramic. | Produces voltage when hot based on oxygen differential. | | **Platinum Electrodes** | Thin layers coating the ceramic. | Serve as catalysts and electrical conduits. | | **Heater Element** | Internal resistive heater. | Quickly brings the sensor to operating temp (~600°F+). | | **Protection Tube** | Perforated metal shroud. | Protects the ceramic from thermal shock and debris. | | **Wiring Harness** | 4-wire configuration. | Includes 2 heater wires, 1 signal wire, and 1 ground. | ### 3. Electrical Specifications While exact specs can vary by manufacturer (such as Denso or Bosch), the O2116A generally follows these electronic parameters: * **Voltage Output:** 0.1V (Lean) to 0.9V (Rich). * **Heater Resistance:** Usually between **10 to 40 Ohms** (depending on ambient temperature). * **Response Time:** Rapid switching (milliseconds) between high and low voltage states. ### 4. Circuit Diagram Logic The sensor operates on a closed-loop system: ```text [Engine Exhaust] -> [O2116A Sensor] -> [Voltage Signal (0-1V)] -> [ECU] | [Fuel Injector Pulse] <---------------------------------------------| ``` --- ### 5. Common Symptoms of Electronic Failure If the electronic components within the O2116A fail, the following issues occur: 1. **Heater Circuit Malfunction:** Check Engine Light (CEL) codes like P0135. 2. **Slow Response:** The zirconia element is "poisoned" or aged, leading to poor fuel economy. 3. **Signal Short:** Damage to the wiring harness causing the ECU to read a constant 0V or 5V.
    ✨ Follow-up Questions
    • ⤷ How do I test the heater resistance on an O2116A sensor with a multimeter?
    • ⤷ What are the specific wire colors for the O2116A signal and heater circuits?
    • ⤷ Which vehicle models are most commonly compatible with the O2116A sensor?