Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • P-R2

  • AI
    The **P-R2** generally refers to a specific electronic component designation used in circuit diagrams or a specific model of a power resistor or pressure sensor, depending on the context. In most professional electronics and industrial automation, it typically refers to a **Power Resistor** or a **Pressure Transducer**. Below is a breakdown of the electronic characteristics and functions associated with parts labeled P-R2. ### 1. Common Interpretations of P-R2 | Type | Full Name | Function | | :--- | :--- | :--- | | **Resistor** | Power Resistor (2nd in series) | Dissipates heat and limits current in high-power circuits. | | **Sensor** | Pressure Resistor/Transducer | Converts physical pressure into an electrical resistive signal. | | **Schematic** | Reference Designator | A specific location on a PCB (Printed Circuit Board) for a resistor. | --- ### 2. Key Electronic Characteristics If the part is a **Power Resistor** (the most common "P-R" designation): * **Tolerance:** Usually measured in ±1%, ±5%, or ±10%. * **Wattage Rating:** These parts are built to handle high loads, often ranging from 1W to 50W+. * **Thermal Management:** Often encased in ceramic or aluminum housing to dissipate heat. * **Resistance Value:** Measured in Ohms ($\Omega$). If the part is a **Pressure Sensor (P-R2)**: * **Excitation Voltage:** The DC voltage required to power the internal bridge. * **Output Signal:** Usually 4-20mA or 0-10V. * **Sensitivity:** How much the resistance changes per unit of pressure. --- ### 3. Component Construction Most P-R2 designated resistors follow this internal architecture: ```cpp // Schematic representation of a Power Resistor (P-R2) [Terminal A] ----[ Wirewound / Metal Oxide ]---- [Terminal B] ^ Heat Dissipation Layer ``` 1. **Core:** Ceramic or fiberglass rod. 2. **Resistive Element:** Nickel-Chromium (NiCr) wire or metal oxide film. 3. **Coating:** Flameproof silicone or cement for safety. --- ### 4. Typical Applications * **Motor Controllers:** Used as a braking resistor to bleed off excess energy. * **Power Supplies:** Acts as a "bleeder resistor" to discharge capacitors when power is turned off. * **Voltage Dividers:** In high-voltage sensing circuits.
    ✨ Follow-up Questions
    • ⤷ Is P-R2 a specific part number from a manufacturer like Vishay or Yageo?
    • ⤷ How do I test a P-R2 component using a multimeter?
    • ⤷ What is the difference between P-R1 and P-R2 on a circuit board?