Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • P1-R1

  • AI
    The **P1-R1** typically refers to a standard configuration for an **Industrial Wireless Remote Control System**, often used in cranes, hoists, and heavy machinery. In this context, "P1" usually signifies a single-speed push button, and "R1" identifies the receiver unit or a specific relay configuration. Below is an explanation of the electronic components and architecture of these systems. --- ### 1. The Transmitter (P1) The transmitter is the handheld unit used by the operator. It converts physical button presses into encoded radio frequency (RF) signals. | Component | Function | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that scans button inputs and encodes data packets. | | **RF Module** | Transmits the signal (usually at 433MHz or 2.4GHz) using FSK or GFSK modulation. | | **Crystal Oscillator** | Ensures the frequency remains stable and precise. | | **Antenna** | Internal PCB antenna or helical wire to broadcast the signal. | | **Safety Key/E-Stop** | A physical switch to cut power to the transmitter immediately. | ### 2. The Receiver (R1) The receiver is mounted on the machine (e.g., a crane). It interprets the RF signal and switches high-voltage circuits. | Component | Function | | :--- | :--- | | **Power Transformer** | Steps down the machine voltage (e.g., 220V/380V) to low DC voltage (5V/12V) for the electronics. | | **Relay Bank** | Electromechanical switches that open or close the machine's motor circuits. | | **Decoding IC** | Deciphers the ID code and command from the transmitter to prevent interference. | | **Varistor/Snubber** | Protects the internal circuits from voltage surges or "noise" from heavy motors. | --- ### 3. Electronic Specifications Most P1-R1 systems follow these technical standards: * **Frequency Control:** Quartz crystal-based. * **Security:** Over 4.3 billion unique ID codes to ensure one remote cannot trigger a different machine. * **Hamming Distance:** Usually $\geq 4$, ensuring high error detection in the data stream. * **Relay Capacity:** Typically rated for 10A at 250VAC. ### 4. Circuit Logic Workflow 1. **Input:** User presses a button on the **P1** unit. 2. **Encoding:** The MCU adds a **Security Code** + **Function Command** + **Checksum**. 3. **Transmission:** The RF module sends the packet wirelessly. 4. **Reception:** The **R1** antenna picks up the signal. 5. **Validation:** The R1 compares the Security Code; if it matches, it processes the command. 6. **Execution:** The corresponding **Relay** clicks shut, completing the electrical circuit to the motor. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between single-speed and dual-speed P1-R1 units?
    • ⤷ How do you pair a new P1 transmitter to an existing R1 receiver?
    • ⤷ What are the most common causes of relay failure in R1 units?