Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • P1484AL-HS2-R

  • AI
    ## Technical Overview of P1484AL-HS2-R The **P1484AL-HS2-R** is a high-performance synchronous step-down (buck) DC-DC converter. It is designed to efficiently convert a higher input voltage into a lower output voltage, typically used in power management for integrated circuits and consumer electronics. --- ### Core Specifications Below are the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 3A | | **Switching Frequency** | ~340 kHz | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 (with Exposed Pad) | | **Topology** | Synchronous Buck (Internal MOSFETs) | --- ### Key Internal Electronic Parts The P1484AL-HS2-R integrates several critical components into a single silicon die to reduce external part count: 1. **High-Side MOSFET:** A built-in N-channel power MOSFET that switches the input voltage. 2. **Low-Side MOSFET (Synchronous Rectifier):** Instead of using a diode, it uses an internal MOSFET to improve efficiency by reducing voltage drop during the "off" cycle. 3. **Error Amplifier:** Compares the output voltage (via the FB pin) to an internal reference (usually 0.925V) to maintain stability. 4. **Current Sense Circuitry:** Monitors the current through the MOSFETs to provide over-current protection (OCP). 5. **Thermal Shutdown:** An internal sensor that disables the part if the junction temperature exceeds safe limits (typically around 160°C). --- ### Pin Configuration & Functionality The device uses an 8-pin SOP package with an underside thermal pad (HS2 designation): | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BS** | Bootstrap pin; connects to a capacitor to drive the high-side gate. | | 2 | **IN** | Supply Voltage input. | | 3 | **SW** | Switch node; connects to the external inductor. | | 4 | **GND** | Ground reference. | | 5 | **FB** | Feedback input; regulates the output voltage. | | 6 | **COMP** | Compensation pin; used for frequency compensation. | | 7 | **EN** | Enable input; pull high to turn on the chip. | | 8 | **SS** | Soft-Start; controls the ramp-up speed of the output. | --- ### Application Circuit Basics To function, the P1484AL-HS2-R requires the following external components: * **Inductor (L):** Usually between 4.7µH and 15µH, stored energy during switching. * **Input/Output Capacitors:** Ceramic or electrolytic capacitors to smooth voltage ripples. * **Feedback Resistors:** A voltage divider connected to the FB pin to set the desired output voltage.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the feedback resistor values for a specific output voltage?
    • ⤷ What are the recommended thermal considerations for the HS2 exposed pad?
    • ⤷ Can this part be used in automotive applications with 24V systems?