P1P3800AG12CRTWG
AI

The **P1P3800AG12CRTWG** is a specific electronic component belonging to the **EMI reduction** and **Spread Spectrum Clock Generator (SSCG)** family. It is primarily manufactured by companies like *onsemi* (formerly ON Semiconductor).
Below is a detailed breakdown of its specifications and functions.
---
## 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of this part.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Spread Spectrum Clock Generator (SSCG) |
| **Input Frequency Range** | 15 MHz to 30 MHz |
| **Output Frequency Range** | 15 MHz to 30 MHz |
| **Operating Voltage (VDD)** | 2.7V to 3.7V |
| **Package Type** | WDFN-6 (2x2 mm) |
| **Reduction Type** | Center Spread / Down Spread |
| **Temperature Range** | -40°C to +85°C (Industrial) |
| **Modulation Rate** | Dependent on Input Frequency |
---
## 2. Core Functional Parts
The internal circuitry of the P1P3800AG12CRTWG is designed to manage electromagnetic interference (EMI) at the source.
### A. Phase-Locked Loop (PLL)
The heart of the chip is a high-performance PLL. It takes a reference clock (from a crystal or oscillator) and generates a stable output frequency.
### B. Modulation Circuitry
This part "dithers" the output frequency. Instead of a sharp, single-frequency spike that radiates EMI, the energy is spread across a wider frequency band. This reduces the peak power of the radiated signal, helping devices pass regulatory tests (like FCC or CE).
### C. Control Pins (S0, S1)
These pins are used to select the **Spread Percentage**. By changing the logic level (High/Low) on these pins, the user can choose how much the frequency deviates (e.g., ±0.5%, ±1.0%, etc.) to optimize EMI reduction versus system stability.
---
## 3. Pin Configuration (WDFN-6)
The part uses a 6-pin leadless package to minimize board space and parasitic inductance.
1. **CLKIN:** External reference clock input.
2. **GND:** System ground.
3. **S0:** Spread selection bit 0.
4. **CLKOUT:** The modulated (EMI-reduced) clock output.
5. **VDD:** Power supply (3.3V typical).
6. **S1:** Spread selection bit 1.
---
## 4. Typical Applications
This component is commonly found in electronics where high-speed clocks cause interference with sensitive radio or analog components:
* **Mobile Devices:** Cell phones and tablets.
* **Display Modules:** DVI, HDMI, and LVDS interfaces.
* **Automotive:** Infotainment systems and ADAS cameras.
* **Computing:** Laptops and printers.
---
- ⤷
What are the specific spread percentage options for the S0 and S1 pins?
- ⤷ How does Spread Spectrum technology compare to traditional EMI shielding?
- ⤷ Can this part be used with a 1.8V logic system?