Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PBYR1545CT

  • AI
    ## PBYR1545CT: Component Overview The **PBYR1545CT** is a high-performance **Schottky Barrier Diode** commonly used for rectification and protection in power supply circuits. It is a "dual" diode, meaning it contains two diodes sharing a common cathode within a single package. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the PBYR1545CT: | Parameter | Value | Description | |:---|:---|:---| | **$V_{RRM}$** | 45V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 15A | Average Rectified Forward Current (Total) | | **$V_F$** | ~0.57V | Maximum Forward Voltage Drop (at 7.5A) | | **$I_{FSM}$** | 120A | Non-repetitive Peak Surge Current | | **$T_j$** | 150°C | Maximum Operating Junction Temperature | | **Package** | TO-220AB | Standard 3-pin Power Package | --- ### 2. Internal Configuration The device uses a **Common Cathode** configuration. This is standard for output rectification in switching power supplies. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (connected to the mounting tab) * **Pin 3:** Anode 2 ```text [ Pin 1 ] ----|>|---- [ Pin 2 ] [ Pin 3 ] ----|>|---- [ Pin 2 (Tab) ] ``` --- ### 3. Core Features & Benefits * **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes (~0.6V vs 1.1V). This results in higher efficiency and less heat generation. * **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications. * **Guard Ring Protection:** The internal die includes a guard ring for stress protection and improved long-term reliability against high voltages. --- ### 4. Common Applications 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC/Square waves into DC. 2. **Freewheeling Diodes:** Used to protect circuits from inductive kicks in motor drivers and relay circuits. 3. **Reverse Battery Protection:** Prevents damage to electronics if the power source is connected with incorrect polarity. 4. **OR-ing Diodes:** Used in redundant power systems to combine two power rails while preventing backflow. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYR1545CT and a standard PN junction diode?
    • ⤷ Can I use only one side of the PBYR1545CT if I don't need the full 15A current?
    • ⤷ What are the thermal management requirements for this diode under full load?