Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PBYR2540CTB

  • AI
    # Electronic Specifications: PBYR2540CTB The **PBYR2540CTB** is a high-performance **Schottky Barrier Rectifier** diode. It is commonly used in switched-mode power supplies (SMPS), free-wheeling diodes, and polarity protection circuits due to its low forward voltage drop and high switching speed. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the PBYR2540CTB: | Parameter | Symbol | Value | Unit | |:---|:---|:---|:---| | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 25 (Total) | A | | **Forward Voltage (at 12.5A)** | $V_F$ | ~0.55 | V | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 120 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Configuration** | Dual | Common Cathode | - | --- ### 2. Physical and Structural Parts The component is typically housed in a **D2PAK (SOT404)** surface-mount package. * **Anode Pins (1 & 3):** These are the two separate inputs for the dual diode configuration. * **Cathode (Tab/Pin 2):** The center pin and the large metal mounting tab are internally connected as a common cathode. * **Schottky Barrier:** Unlike standard PN junction diodes, it uses a metal-semiconductor junction, which allows for ultra-fast switching and lower power loss. --- ### 3. Functional Features * **Low Power Loss:** The low forward voltage ($V_F$) ensures high efficiency by reducing heat dissipation. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high-voltage transients. * **Fast Switching:** Because it is a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. --- ### 4. Typical Application Circuit In a DC-DC converter, the PBYR2540CTB is often used as a output rectifier: ```text Input (AC/Pulse) ---->|---- (Anode 1) |----[ Common Cathode ]----> DC Output (+) Input (AC/Pulse) ---->|---- (Anode 2) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PBYR2540CTB?
    • ⤷ How does the D2PAK package affect thermal management compared to through-hole versions?
    • ⤷ What are the common alternatives or equivalents to the PBYR2540CTB?