Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PE34412

  • AI
    ## PE34412: Electronic Component Overview The **PE34412** is a high-performance **UltraCMOS® RF Digital Step Attenuator (DSA)** manufactured by pSemi (formerly Peregrine Semiconductor). It is designed to provide precise control of RF signal levels across a wide frequency range. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the PE34412: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Frequency Range** | 50 MHz to 6.0 GHz | Supports sub-6GHz applications | | **Attenuation Range** | 0 to 31.75 dB | 6-bit control | | **Step Size** | 0.5 dB | Fine-grained resolution | | **Insertion Loss** | ~1.5 dB @ 2 GHz | Low signal degradation | | **Interface** | Parallel & Serial | Flexible programming modes | | **Operating Voltage** | 2.3V to 5.5V | Compatible with standard logic | | **Package** | 32-lead 5x5 mm QFN | Compact surface mount | --- ### 2. Core Functional Parts The internal architecture of the PE34412 consists of several critical electronic subsystems: #### A. RF Attenuation Matrix This is the heart of the device. It uses an **UltraCMOS® technology** switch matrix that toggles between different resistive networks to achieve the desired attenuation levels. Unlike traditional GaAs (Gallium Arsenide) components, this CMOS-based approach offers better linearity and lower power consumption. #### B. Digital Control Logic The device features a dual-mode digital interface: * **Serial Interface (SPI):** Uses Data, Clock, and Latch Enable pins to shift in 6 bits of data. * **Parallel Interface:** Allows direct bit-level control for faster switching speeds. #### C. Safe State / Power-up Control The PE34412 includes internal circuitry that defines the attenuation state during power-up. This prevents signal spikes (glitches) that could damage sensitive downstream components like Power Amplifiers (PAs). --- ### 3. Common Applications * **Base Stations:** Signal leveling in 4G/5G infrastructure. * **Test Equipment:** Variable gain control in signal generators. * **WLAN/Wi-Fi:** Tuning signal strength for local area networks. * **Point-to-Point Radios:** Managing link budget in microwave backhaul. --- ### 4. Implementation Example (Pseudo-code) To control the PE34412 via a serial interface (SPI), the logic follows this pattern: ```python # Pseudo-code for setting attenuation to 10 dB # Step size = 0.5dB, so 10dB = 20 steps (Binary: 010100) def set_attenuation(value_6bit): chip_select(LOW) spi_transfer(value_6bit) # Send 6-bit word latch_enable(HIGH) # Trigger internal state change latch_enable(LOW) chip_select(HIGH) ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of UltraCMOS technology over GaAs for RF attenuators?
    • ⤷ How do I calculate the 6-bit binary code for a specific dB value?
    • ⤷ What is the switching speed (settling time) of the PE34412?