Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PIP3209-R

  • AI
    The **PIP3209-R** is a specialized power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) categorized as a **TOPFET** (Temperature and Overload Protected MOSFET). It is designed primarily for automotive and industrial applications where high reliability and self-protection are required. --- ### 1. Key Technical Specifications The PIP3209-R is designed to function as a high-side or low-side switch with integrated logic-level control. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Protected Power MOSFET (TOPFET) | | **Max Drain-Source Voltage ($V_{DS}$)** | 50V | | **Continuous Drain Current ($I_D$)** | ~16A to 20A (depending on thermal conditions) | | **On-Resistance ($R_{DS(on)}$)** | ~40 mΩ to 50 mΩ | | **Package Type** | SOT404 (D2PAK) - Surface Mount | | **Logic Level** | Fully compatible with 5V CMOS/TTL logic | --- ### 2. Integrated Protection Features What sets the PIP3209-R apart from a standard MOSFET is its "Smart" circuitry. It includes internal sensors to prevent component failure: * **Over-temperature Protection:** The device automatically shuts down if the junction temperature exceeds a safe threshold (typically around 150°C - 175°C). * **Overload/Short-circuit Protection:** It limits the current flow if a short circuit is detected, preventing the traces or the chip from melting. * **Overvoltage Clamping:** It includes internal Zener diodes to clamp inductive spikes (flyback voltage) from motors or solenoids. * **ESD Protection:** Integrated protection against Electrostatic Discharge on the input pins. --- ### 3. Pin Configuration (SOT404) The device typically follows a standard 3-pin power layout with a cooling tab: 1. **Gate (Input):** Connected to the microcontroller. It requires very low current to trigger. 2. **Drain (Output):** Connected to the load. The tab of the SOT404 package is also electrically connected to the Drain for heat dissipation. 3. **Source (Ground/Common):** Connected to the system ground or the return path. --- ### 4. Typical Applications The PIP3209-R is commonly found in environments where electrical noise and heat are prevalent: * **Automotive Systems:** Controlling fuel injectors, lamps, or small DC motors. * **Industrial Automation:** Relays and solenoid drivers. * **Microcontroller Interfacing:** Allowing a low-power MCU (like an Arduino or STM32) to switch high-current DC loads safely. --- ### 5. Equivalent/Replacement Parts If the PIP3209-R is unavailable, common substitutes include parts from the **BUK** or **VNP** series, such as: * **VNP20N07** (STMicroelectronics) * **BUK9240-55A** (NXP/Nexperia)
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard MOSFET and a TOPFET like the PIP3209-R?
    • ⤷ Can this part be used for PWM speed control of a motor?
    • ⤷ How does the thermal shutdown reset itself once the part cools down?