Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PLFSWD

  • AI
    Based on electronic and hardware design standards, **PLFSWD** typically stands for **Power Low-Force Switch (with Detection)** or relates to a specific proprietary connector/switch pinout used in embedded systems. Below is an explanation of the electronic components and principles typically associated with this designation. --- ## 1. Core Electronic Components The term often describes a sub-assembly used in power management or tactile interfaces. | Component | Function | Characteristics | | :--- | :--- | :--- | | **Tactile Switch** | The physical interface. | Low-actuation force (usually < 1.5N). | | **Pull-up/Pull-down Resistor** | Signal conditioning. | Usually 10kΩ to prevent floating states. | | **Debouncing Circuit** | Signal stability. | Hardware (RC filter) or software-based timing. | | **LED Indicator** | Visual feedback. | Often integrated into the switch housing. | --- ## 2. Pinout and Circuit Architecture In many motherboard or PCB headers, a "PLFSWD" header (or similar Power/LED/Switch cluster) follows a specific logic: ### Typical Pin Assignments 1. **PWR_SW (Power Switch):** Connected to the momentary switch to trigger the power-on sequence. 2. **PWR_LED (Power LED):** Indicates the system state (S0, S3, etc.). 3. **GND (Ground):** The common return path for the circuit. 4. **DET (Detection):** In some "Low-Force" variants, a secondary pin detects if the button is held or if the chassis is open. ### The Schematic Logic ```mermaid graph LR VCC(3.3V/5V) --> R1[Resistor] R1 --> SW[PLFSWD Switch] SW --> GND[Ground] SW --> MCU[Microcontroller Input] ``` --- ## 3. Applications in Electronics * **Embedded Systems:** Used as a soft-start button that signals a Power Management IC (PMIC) rather than physically breaking the main power line. * **Industrial Panels:** Low-force switches are used to reduce operator fatigue and ensure longevity in high-cycle environments. * **Consumer Electronics:** Found in laptops and tablets where a "light touch" is required to wake the device from sleep modes. --- ## 4. Technical Specifications When selecting parts for a PLFSWD circuit, engineers look for: * **Contact Resistance:** Typically < 100mΩ. * **Operating Temperature:** -20°C to +70°C for standard electronics. * **Bounce Time:** Usually < 5ms (requires software debouncing).
    ✨ Follow-up Questions
    • ⤷ What are the common debouncing techniques for PLFSWD circuits?
    • ⤷ How does a PMIC interpret the signal from a low-force power switch?
    • ⤷ What is the difference between a momentary and a latching switch in this context?