PLL520-05OC-R
AI

The **PLL520-05OC-R** is a high-performance Phase-Locked Loop (PLL) clock synthesizer Integrated Circuit (IC). It is specifically designed for high-speed clock generation and frequency translation in networking and storage applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:--- |:--- |
| **Manufacturer** | PhaseLink (Acquired by Micrel / Microchip) |
| **Type** | VCXO (Voltage Controlled Crystal Oscillator) / Clock Generator |
| **Input Frequency Range** | 10 MHz to 30 MHz (Typically uses 27MHz for video) |
| **Output Frequency Range** | Up to 150 MHz |
| **Output Type** | CMOS / TTL |
| **Supply Voltage (VDD)** | 3.3V ± 10% |
| **Package Type** | SOIC-8 |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
---
### 2. Functional Description
The device integrates several electronic components into a single silicon die to manage timing signals:
* **Phase Frequency Detector (PFD):** Compares the phase of the input clock (or crystal) with the feedback signal.
* **Voltage Controlled Oscillator (VCO):** Generates the internal high-frequency signal.
* **Charge Pump & Loop Filter:** Converts phase differences into a control voltage for the VCO.
* **Frequency Multiplier:** Provides a fixed or selectable multiplication ratio to generate a high-speed output from a low-speed reference.
---
### 3. Features and Benefits
* **Low Jitter:** Designed to meet the stringent timing requirements of high-speed data transmission.
* **Pullability:** As a VCXO-based part, it allows for fine-tuning of the output frequency via an external control voltage ($V_{CTRL}$).
* **Integration:** Replaces complex discrete oscillator circuits, reducing PCB footprint.
* **Power Management:** Optimized for low power consumption in 3.3V systems.
---
### 4. Typical Applications
The PLL520-05OC-R is commonly found in electronic systems requiring precise timing:
1. **Set-Top Boxes:** Generating system clocks for video processing.
2. **Network Switches/Routers:** Providing reference clocks for Ethernet PHYs.
3. **Digital Video:** Used in MPEG encoders/decoders where frequency synchronization is critical.
4. **ADSL/Cable Modems:** Managing data clocking rates.
---
### 5. Pin Configuration (SOIC-8)
| Pin # | Symbol | Description |
|:--- |:--- |:--- |
| 1 | XIN / CLK | Crystal or Reference Clock Input |
| 2 | VDD | Positive Power Supply (3.3V) |
| 3 | GND | Ground |
| 4 | VCON | Control Voltage for VCXO |
| 5 | CLKOUT | Main Clock Output |
| 6-8 | NC/Other | Non-connected or Factory test pins (See datasheet) |
- ⤷
What is the maximum jitter tolerance for the PLL520-05OC-R?
- ⤷ How does the VCON pin affect the output frequency?
- ⤷ What are the primary differences between the PLL520 series and the PLL502 series?