Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PLL602-37OCL-R

  • AI
    The **PLL602-37OCL-R** is a high-performance, low-power Clock Generator IC designed by Microchip Technology (formerly PhaseLink). It is specifically engineered to generate high-frequency differential outputs (LVPECL) from a lower frequency crystal or reference clock input. --- ## 1. Technical Specifications Below are the primary technical parameters for the PLL602-37OCL-R: | Parameter | Specification | | :--- | :--- | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Input Frequency Range** | 12 MHz to 25 MHz (Crystal or Reference) | | **Output Frequency Range** | Up to 800 MHz | | **Supply Voltage (Vdd)** | 2.5V or 3.3V | | **Package Type** | SOT-23 (6-pin) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Phase Jitter** | < 1ps RMS (12kHz to 20MHz) | --- ## 2. Key Features and Architecture The device utilizes a Phase-Locked Loop (PLL) architecture to multiply the input frequency. ### A. Frequency Multiplier The IC contains an internal VCO (Voltage Controlled Oscillator) and dividers. It is often used to multiply a 25 MHz crystal up to a standard high-speed clock like **100 MHz, 125 MHz, or 200 MHz**. ### B. LVPECL Output The "OCL" designation refers to the output configuration. LVPECL is preferred in high-speed data communications (like Ethernet or Fibre Channel) because it offers: * High-speed switching. * Excellent noise immunity. * Low jitter. ### C. Low Power Consumption The "PLL602" series is optimized for battery-operated or thermally sensitive designs, drawing significantly less current than traditional high-frequency oscillators. --- ## 3. Pin Configuration (SOT-23-6) Standard pinout functions for this component typically include: 1. **XIN / CLK**: Crystal input or Reference clock input. 2. **VSS**: Ground. 3. **XOUT**: Crystal feedback (Leave floating if using an external clock). 4. **OUT+**: Positive Differential Output. 5. **OUT-**: Negative Differential Output. 6. **VDD**: Power Supply. --- ## 4. Typical Applications * **Gigabit Ethernet**: Generating the 125 MHz system clock. * **Fibre Channel**: High-speed storage networking. * **PCI Express**: Providing stable reference clocks for serial links. * **Set-top Boxes**: High-definition video processing clocks.
    ✨ Follow-up Questions
    • What is the recommended termination circuit for the LVPECL output of this IC?
    • Can this part be used with a 1.8V power supply?
    • What are the primary differences between the OCL and OCN variants of this series?