PLL620-05OCL-R
AI

The **PLL620-05OCL-R** is a high-performance Phase Locked Loop (PLL) clock multiplier IC, typically used in communication and networking equipment to generate high-frequency, low-jitter clock signals from lower-frequency crystals or reference inputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Microchip Technology (formerly PhaseLink/Micrel) |
| **Type** | Low Phase Noise Clock Multiplier |
| **Input Frequency Range** | 10MHz to 30MHz (typically via Crystal or Reference) |
| **Output Frequency Range** | Up to 700MHz (depending on multiplier settings) |
| **Output Logic** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Supply Voltage** | 3.3V (±10%) |
| **Package Type** | SOIC-8 (8-pin Small Outline Integrated Circuit) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
---
### 2. Functional Electronic Components (Internal)
The IC consists of several internal functional blocks that work together to synthesize the clock:
1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock with the feedback clock from the VCO.
2. **Charge Pump & Low Pass Filter (LPF):** Converts the error signal from the PFD into a control voltage.
3. **Voltage Controlled Oscillator (VCO):** Generates an output frequency proportional to the control voltage.
4. **LVPECL Drivers:** Provides high-speed differential outputs with low skew and fast rise/fall times, ideal for high-speed data transmission.
---
### 3. Pin Configuration & Application
| Pin # | Symbol | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal or Reference Clock Input |
| 2 | XOUT | Crystal Feedback (leave open if using Ref Clock) |
| 3 | VDD | Power Supply (3.3V) |
| 4 | FIN | Frequency Input / Programming Pin |
| 5 | NC | No Connect |
| 6, 7 | Q, /Q | Differential LVPECL Outputs |
| 8 | VSS | Ground |
---
### 4. Typical Use Case Circuit
To implement this part, a basic circuit requires a crystal and specific termination for the LVPECL outputs:
```cpp
// Schematic Concept:
[Crystal 25MHz] --> [PLL620-05 Pin 1 & 2]
[Power 3.3V] --> [PLL620-05 Pin 3]
[Ground] --> [PLL620-05 Pin 8]
[Outputs Pin 6/7] --> [50 Ohm Termination to VDD-2V] --> [FPGA/ASIC Clock Input]
```
---
- ⤷
What are the specific jitter performance metrics for this IC?
- ⤷ How do I calculate the external resistor values for LVPECL termination?
- ⤷ Can this part be used in industrial temperature ranges?