Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • PNS-2Z-R

  • AI
    The **PNS-2Z-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a high-precision **Current Sensing Resistor**, depending on the specific manufacturer (most commonly associated with power management circuits). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications Table | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Current Sense (Low Ohm) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Tolerance** | ±1% to ±5% (depending on specific batch) | | **Operating Temperature** | -55°C to +125°C | | **Termination** | RoHS Compliant (Lead-Free) | | **Packaging** | Tape and Reel (R suffix often denotes Reel) | --- ### 2. Key Electronic Features The "PNS" series is designed for efficiency in power-constrained environments. Its primary electronic attributes include: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** If used as an inductor, it maintains its properties even under high current spikes without the core "saturating." * **Shielded Construction:** Most iterations of this part feature magnetic shielding to reduce Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Miniaturized Footprint:** Optimized for dense circuit boards found in mobile devices, laptops, and DC-DC converters. --- ### 3. Common Applications This part is generally integrated into the following electronic systems: 1. **DC-DC Converters:** Used for voltage regulation and smoothing output current. 2. **Battery Management Systems (BMS):** Employed in the charging circuits of lithium-ion batteries. 3. **Power Inverters:** Used in small-scale power inversion for consumer electronics. 4. **Signal Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. --- ### 4. Circuit Implementation Example When implementing the PNS-2Z-R in a schematic, it is usually placed in the output stage of a switching regulator. ```cpp // Logic representation of a Buck Converter stage [Input Voltage] --> [Switching MOSFET] --> [PNS-2Z-R Inductor] --> [Output V] | [Filter Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (case size) of the PNS-2Z-R?
    • ⤷ Which manufacturers produce the PNS series parts?
    • ⤷ How does the 'R' suffix affect the ordering specifications?