POW-1644P-B-R
AI

## Overview of POW-1644P-B-R
The **POW-1644P-B-R** is a specific electronic component primarily identified as a **high-sensitivity electret condenser microphone (ECM)**. These components are widely used in consumer electronics for sound capture due to their small footprint and reliable performance.
---
### 1. Key Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Electret Condenser Microphone |
| **Directionality** | Omni-directional (picks up sound from all sides) |
| **Sensitivity** | -44 ± 3 dB (at 1kHz, 0dB=1V/Pa) |
| **Operating Voltage** | 1.0V to 10V DC (Standard 2.0V) |
| **Current Consumption** | Max 0.5mA |
| **Frequency Range** | 50 Hz – 20,000 Hz |
| **Signal to Noise Ratio** | > 58 dB |
| **Impedance** | Less than 2.2 kΩ |
| **Dimensions** | ~6.0mm (Diameter) x 2.7mm (Height) |
---
### 2. Physical Construction
The "P" and "B" suffixes in the part number often refer to the physical mounting style and termination:
* **Case Material:** Typically an aluminum housing to provide EMI (Electromagnetic Interference) shielding.
* **Terminals:** Usually features **solder pads** or **pins** for PCB mounting. The "-R" suffix often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
* **Internal FET:** Includes a built-in Junction Field Effect Transistor (JFET) which acts as an impedance converter to transform the high impedance of the electret capsule to a lower impedance suitable for standard circuits.
---
### 3. Application Circuit (Example)
To use this component, it requires a "bias" voltage supplied through a resistor. Below is a standard schematic representation:
```text
Vcc (2.0V - 5.0V)
|
[ R_load: 2.2k ]
|
+----------||----------- Audio Out (to Pre-amp)
| (C_coupling)
[ MIC ]
|
GND
```
### 4. Common Use Cases
* **Telecommunications:** Mobile phones, headsets, and landline handsets.
* **Recording Devices:** Voice recorders and digital cameras.
* **Smart Devices:** Voice-activated assistants and smart home hubs.
* **Computing:** Laptops and external computer microphones.
---
- ⤷
What is the significance of the -44 dB sensitivity rating in practical use?
- ⤷ How does the omni-directional pattern affect noise cancellation designs?
- ⤷ What is the recommended soldering temperature for the POW-1644P-B-R pads?