PVM4A503C01R00
AI

The **PVM4A503C01R00** is a specific surface-mount (SMD) trimmer potentiometer manufactured by **Murata Electronics**. It is designed for fine-tuning resistance in compact electronic circuits.
---
## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
|:---|:---|
| **Resistance Value** | 50 kΩ |
| **Tolerance** | ±25% |
| **Power Rating** | 0.1 W (1/10 Watt) at 70°C |
| **Max Operating Voltage** | 50V DC |
| **Temperature Coefficient** | ±250 ppm/°C |
| **Rotation Angle** | 270° (Mechanical) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Adjustment Type** | Top Adjustment |
---
## Component Breakdown
### 1. Functionality
As a **trimmer potentiometer**, this part acts as a variable resistor. Unlike a volume knob (potentiometer) meant for frequent user interaction, a trimmer is intended for "set and forget" adjustments during the manufacturing or calibration phase of a device.
### 2. Physical Construction
* **Carbon Element:** It typically utilizes a carbon film resistive element.
* **Open Frame:** The "PVM4" series often features an open-frame design, which reduces cost and weight but makes it less resistant to dust and moisture compared to sealed units.
* **Size:** The "4" in the series usually denotes a 4mm size class, making it extremely small for high-density PCB layouts.
### 3. Applications
* **LCD Contrast:** Adjusting the brightness or contrast of small display modules.
* **Sensor Calibration:** Fine-tuning the threshold of a sensor circuit.
* **Signal Leveling:** Matching gain levels in audio or communication circuits.
* **Timer Circuits:** Adjusting the RC time constant in oscillators.
---
## Part Number Decoder
Murata part numbers follow a specific logic:
| Code Segment | Meaning |
|:---|:---|
| **PVM4A** | Series Identifier (4mm Lead-free SMD Trimmer) |
| **503** | Resistance Code (50 + 3 zeros = 50,000 Ω or 50kΩ) |
| **C01** | Individual Specification/Mechanical details |
| **R00** | Packaging (usually indicates Tape and Reel) |
---
## Design Considerations
* **Heat Sensitivity:** Being an SMD component, it must be soldered carefully to avoid damaging the carbon element or the plastic housing.
* **Wear Life:** These components are rated for a low number of cycles (typically 10–20 rotations) because they are not meant for continuous adjustment.
* **Orientation:** The top-adjust design means the technician must have vertical access to the PCB to make changes.
- ⤷
What are the alternatives to Murata PVM4 series since they are being phased out?
- ⤷ How do I calculate the power dissipation for this trimmer in a 12V circuit?
- ⤷ Is there a sealed version of this 50k ohm trimmer for harsh environments?