Q62702-R323
AI

The part number **Q62702-R323** is an internal ordering code (part number) historically associated with **Infineon Technologies** (formerly Siemens Semiconductors).
This specific code typically refers to a **Power MOSFET** or a specialized transistor. Below are the technical details and specifications related to this part.
---
### 1. General Specifications
The Q62702-R323 is generally identified as the ordering code for the **BUZ71** or a variant within that series. It is an N-Channel enhancement mode power MOS transistor.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Transistor Polarity** | N-Channel |
| **Package Type** | TO-220 |
| **Drain-Source Voltage ($V_{DS}$)** | 50V |
| **Continuous Drain Current ($I_D$)** | 12A - 14A |
| **Power Dissipation ($P_{tot}$)** | 40W |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | ~0.1 $\Omega$ |
---
### 2. Key Features
* **High Speed Switching:** Designed for high-frequency applications.
* **Low Drive Power:** Can be driven directly from integrated circuits.
* **Ruggedness:** Built to handle voltage transients and industrial environments.
* **Thermal Stability:** Excellent performance across a wide temperature range (typically up to 150°C).
---
### 3. Applications
Parts under this classification are commonly used in the following electronic circuits:
1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element.
2. **Motor Controllers:** Controlling DC motor speed and direction.
3. **DC-DC Converters:** Managing voltage regulation in battery-powered devices.
4. **Solenoid/Relay Drivers:** Handling inductive loads with high efficiency.
---
### 4. Cross-Reference & Equivalents
If you are looking for a replacement for the Q62702-R323, the following industry-standard parts often serve as direct or near-functional equivalents:
* **BUZ71** (Direct original equivalent)
* **IRFZ24** (Common substitute)
* **STP16NF06** (Modern high-performance replacement)
---
### 5. Pin Configuration (TO-220 Package)
For integration into a PCB, the pinout is standard for the TO-220 package:
1. **Gate:** Control voltage input.
2. **Drain:** Connected to the load.
3. **Source:** Connected to ground/common.
- ⤷
What is the maximum gate-source voltage for this specific MOSFET?
- ⤷ Are there any modern surface-mount equivalents for the Q62702-R323?
- ⤷ How does the RDS(on) value affect the thermal management of this part?