QBLP613-RIG
AI

The **QBLP613-RIG** is a high-performance, surface-mount (SMD) Light Emitting Diode (LED) manufactured by **QT-Brightek**. It belongs to the 0805 package family and is specifically designed for applications requiring a True Green output with high reliability.
---
### 1. Key Technical Specifications
Below are the primary electronic and optical characteristics of the QBLP613-RIG:
| Parameter | Specification |
| :--- | :--- |
| **LED Color** | True Green |
| **Package Type** | 0805 (Metric 2012) |
| **Luminous Intensity** | 250 mcd - 450 mcd (typical) |
| **Dominant Wavelength** | 520 nm - 530 nm |
| **Forward Voltage ($V_F$)** | 2.8V (min) - 3.7V (max) |
| **Forward Current ($I_F$)** | 20 mA (Test Current) |
| **Viewing Angle** | 140 Degrees |
| **Lens Appearance** | Water Clear |
---
### 2. Physical Dimensions & Material
The component is characterized by its compact footprint, making it ideal for high-density circuit boards.
* **Size:** 2.0mm x 1.25mm x 0.8mm.
* **Material:** InGaN (Indium Gallium Nitride) on Sapphire substrate. This material composition is responsible for the efficient "True Green" wavelength, which is more vibrant than standard "Yellow-Green" (GaP) LEDs.
* **Termination:** Gold (Au) plating for excellent solderability and corrosion resistance.
---
### 3. Electronic Behavior and Usage
To ensure the longevity of the QBLP613-RIG, specific electronic constraints must be observed:
#### Absolute Maximum Ratings
* **Reverse Voltage ($V_R$):** 5V (Maximum protection against back-flow).
* **Peak Forward Current:** 100 mA (at 1/10 duty cycle, 0.1ms pulse width).
* **Power Dissipation ($P_D$):** 75 mW - 110 mW depending on thermal conditions.
* **Operating Temperature:** -40°C to +85°C.
#### Recommended Circuit Implementation
When integrating this LED into a circuit, a current-limiting resistor is mandatory. For a standard 5V supply:
```text
R = (V_supply - V_forward) / I_forward
R = (5V - 3.2V) / 0.02A
R = 90 Ohms (Standard value: 100 Ohms)
```
---
### 4. Common Applications
* **Status Indicators:** Network routers, consumer electronics, and industrial panels.
* **Backlighting:** Backlighting for LCDs, switches, and membrane keypads.
* **Automotive:** Dashboard lighting and interior accents.
* **Edge Lighting:** Decorative lighting in wearables or portable devices.
- ⤷What is the difference between 'True Green' and 'Yellow Green' LEDs?
- ⤷ What is the recommended reflow soldering profile for the 0805 package?
- ⤷ Can this LED be driven by a 3.3V microcontroller pin directly?