RC-2MTS-50
AI

The **RC-2MTS-50** generally refers to a specific type of **Miniature Toggle Switch** commonly used in electronics prototyping, industrial control panels, and hobbyist projects. This part is characterized by its "Micro" size and "Double Pole Double Throw" (DPDT) configuration.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | RC-2MTS-50 (Series) |
| **Type** | Miniature Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switching Positions** | ON-ON (2-Position) |
| **Contact Rating** | Usually 5A @ 125VAC or 2A @ 250VAC |
| **Terminal Type** | Solder Lug |
| **Mounting Diameter** | Approx. 6mm (1/4") |
---
### Core Electronic Components
#### 1. Contact Mechanism (DPDT)
The "2" in the part number often signifies the number of poles. A **DPDT** switch functions like two separate SPDT switches controlled by a single lever.
* **Terminals:** It typically has 6 pins on the bottom.
* **Function:** It can control two independent circuits simultaneously or reverse the polarity of a DC motor.
#### 2. The Actuator (Toggle)
The "MTS" stands for **Miniature Toggle Switch**. The actuator is the metal lever that the user moves.
* **Bushing:** The threaded part that goes through the panel.
* **Locking Mechanism:** Internal springs ensure a "snap-action" movement, providing tactile feedback and ensuring the contact is firm to prevent electrical arcing.
#### 3. Dielectric Housing
The body is usually made of **Diallyl Phthalate (DAP)** or high-temperature plastic. This material provides high insulation resistance, ensuring that current does not leak between the six terminals.
#### 4. Contacts and Terminals
* **Material:** Usually silver-plated or gold-plated copper alloy.
* **Resistance:** Designed for low contact resistance (typically <10mΩ) to minimize heat buildup during operation.
---
### Typical Use Cases
* **Polarity Reversal:** Wiring the DPDT switch in an "X" pattern to change the direction of a DC motor.
* **Audio Equipment:** Switching between two different signal inputs or bypassing an effect circuit.
* **Power Control:** Turning on two separate power rails (e.g., +5V and +12V) with a single flick.
- ⤷
How do I wire this switch to reverse a DC motor's direction?
- ⤷ What is the difference between an ON-ON and an ON-OFF-ON toggle switch?
- ⤷ What are the maximum voltage and current limits for the RC-2MTS-50?