REF01CS
AI

## REF01CS: High-Precision Voltage Reference
The **REF01CS** is a precision voltage reference integrated circuit (IC) that provides a stable +10.0V output. It is widely used in applications requiring high accuracy and low drift, such as data converters and medical instrumentation.
---
### 1. Key Technical Specifications
The "CS" suffix typically refers to the commercial temperature range and the package type (often SOIC-8). Below are the primary technical parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Output Voltage** | +10.0 V |
| **Input Voltage Range** | 12.0 V to 40.0 V |
| **Temperature Drift** | 8.5 ppm/°C (typical) |
| **Output Adjustment Range** | ±3% (using an external potentiometer) |
| **Quiescent Current** | 1.4 mA (max) |
| **Load Regulation** | 0.01% / mA |
| **Operating Temperature** | 0°C to 70°C (Commercial Grade) |
---
### 2. Internal Block Diagram & Functionality
The REF01 series utilizes a **bandgap reference** circuit architecture. Its internal components include:
1. **Stable Reference Core:** A bandgap cell that produces a temperature-compensated voltage.
2. **Output Buffer:** A high-gain operational amplifier configured to scale the internal reference to a precise 10V.
3. **Trim Circuitry:** Internal resistors that are factory-trimmed for high initial accuracy.
4. **Short-Circuit Protection:** Protects the device if the output is accidentally grounded.
---
### 3. Pin Configuration (SOIC-8 / PDIP-8)
Most REF01CS units follow a standard 8-pin layout:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | NC | No Internal Connection |
| 2 | $V_{IN}$ | Positive Supply Voltage Input |
| 3 | TEMP | Temperature sensor output (voltage proportional to temp) |
| 4 | GND | Ground |
| 5 | TRIM | Used for fine-tuning the 10V output |
| 6 | $V_{OUT}$ | +10.0V Reference Output |
| 7 | NC | No Internal Connection |
| 8 | NC | No Internal Connection |
---
### 4. Typical Application Circuit
To use the REF01CS, a simple configuration involves decoupling capacitors to ensure stability and reduce noise.
```spice
* Basic Connection Diagram
Vin (Pin 2) ----+----[ 12V to 40V DC ]
|
[Cap 0.1uF]
|
GND (Pin 4) ----+----[ System Ground ]
Vout (Pin 6) ---+----[ 10.00V Output ]
|
[Cap 1uF to 10uF]
|
GND ------------+
```
---
### 5. Common Use Cases
* **A/D and D/A Converters:** Providing the "standard" voltage against which analog signals are measured.
* **Precision Current Sources:** When combined with an external Op-Amp.
* **Digital Voltmeters:** Acting as the calibration benchmark.
* **Portable Instrumentation:** Due to its low power consumption and high stability.
- ⤷What is the difference between REF01 and REF02?
- ⤷ How do I use the TRIM pin to calibrate the output?
- ⤷ What are the advantages of a bandgap reference over a Zener diode?