Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • REF01CS3

  • AI
    ## Overview of REF01CSZ (REF01 Series) The **REF01CSZ** is a precision **+10V voltage reference** integrated circuit. It is widely used in applications requiring a stable, accurate, and low-drift voltage source to act as a benchmark for other electronic components like ADCs (Analog-to-Digital Converters) and DACs (Digital-to-Analog Converters). --- ### 1. Key Technical Specifications The "CS" suffix typically denotes the commercial/standard temperature grade and specific packaging (often SOIC-8). | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage ($V_{out}$)** | +10.0 V | | **Input Voltage Range ($V_{in}$)** | 12 V to 40 V | | **Output Adjustment Range** | ±3% (via TRIM pin) | | **Temperature Coefficient** | 8.5 ppm/°C to 25 ppm/°C (Grade dependent) | | **Supply Current** | 1 mA (Typical) | | **Output Current Load** | Up to 10 mA | | **Package Type** | SOIC-8 (Surface Mount) | --- ### 2. Pin Configuration (SOIC-8) To understand how to integrate this part, here is the functional mapping of the pins: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **NC** | No internal connection. | | 2 | **$V_{in}$** | Supply voltage input (12V - 40V). | | 3 | **NC** | No internal connection. | | 4 | **GND** | Ground reference. | | 5 | **TRIM** | Optional output voltage adjustment. | | 6 | **$V_{out}$** | Precise +10V output. | | 7 | **NC** | No internal connection. | | 8 | **NC** | No internal connection. | --- ### 3. Core Functional Features * **Low Noise:** Designed to minimize electrical noise, ensuring the 10V signal remains "clean" for high-resolution measurement systems. * **High Stability:** The output voltage remains remarkably constant even if the input voltage fluctuates or the ambient temperature changes. * **Trim Capability:** By connecting a potentiometer to Pin 5, the user can fine-tune the 10V output to compensate for system-level errors. * **No External Components:** In its simplest form, it does not require external capacitors for stability, though they are recommended for noise filtering. --- ### 4. Typical Application Circuit The following represents a basic implementation to achieve a stable 10V rail: ```text [Input 15V] ----> [Pin 2: Vin] [REF01CSZ] [Ground] ----> [Pin 4: GND] [Pin 6: Vout] ----> [Clean 10.0V Output] ``` --- ### 5. Common Use Cases 1. **Data Converters:** Providing the full-scale reference for 12-bit or 16-bit ADCs. 2. **Calibration Standards:** Used in handheld meters or laboratory equipment to provide a known voltage benchmark. 3. **Precision Current Sources:** When paired with an Op-Amp, it can create highly stable current loops (e.g., 4-20mA).
    ✨ Follow-up Questions
    • What is the difference between the REF01 and the REF02 models?
    • How do I calculate the output voltage change based on the ppm/°C specification?
    • Can the REF01CSZ be used with a single 5V power supply?