REF02AH
AI

## Overview of the REF02AH
The **REF02AH** is a precision voltage reference integrated circuit (IC) that provides a stable +5.0V output. It is widely recognized for its high accuracy, low drift, and low noise, making it a staple in analog-to-digital (ADC) and digital-to-analog (DAC) conversion systems.
---
### Key Technical Specifications
The "AH" suffix typically denotes the high-performance grade in a metal can (TO-99) package or a specific temperature range.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Output Voltage** | +5.0V DC |
| **Input Voltage Range** | 7.0V to 40.0V |
| **Temperature Drift** | 8.5 ppm/°C (Max) |
| **Output Current** | 10 mA (Max) |
| **Line Regulation** | 0.01 %/V |
| **Load Regulation** | 0.002 %/mA |
| **Operating Temperature** | -55°C to +125°C (Military/Industrial) |
---
### Core Internal Components
The REF02AH is more than just a simple regulator; it consists of several sophisticated sub-circuits:
1. **Bandgap Reference Core:** The "heart" of the chip, which uses the predictable thermal characteristics of silicon transistors to create a constant voltage regardless of temperature fluctuations.
2. **Operational Amplifier:** An internal high-gain buffer that ensures the output voltage remains stable even when the load changes.
3. **Temperature Transducer:** Unique to the REF02 series, it includes a `TEMP` pin where the voltage is proportional to the absolute temperature (~2.1 mV/K). This allows the chip to double as a temperature sensor.
4. **Trim Network:** High-precision resistors that allow for fine-tuning the output voltage using an external potentiometer without affecting the temperature coefficient.
---
### Pin Configuration (TO-99 Metal Can)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 2 | **VIN** | Input Supply Voltage (7V - 40V) |
| 4 | **GND** | Ground |
| 5 | **TRIM** | Fine adjustment of the 5V output |
| 6 | **VOUT** | +5.0V Reference Output |
| 3 | **TEMP** | Temperature output voltage |
---
### Common Applications
* **Precision Data Converters:** Acts as the voltage "yardstick" for 12-bit and 16-bit ADCs.
* **Calibration Standards:** Used in handheld multimeters and laboratory equipment.
* **Digital Voltmeters:** Provides the baseline for measurement accuracy.
* **Temperature Sensing:** Monitoring system heat via the `TEMP` pin.
### Implementation Example
To use the REF02AH in a standard circuit, a simple decoupling capacitor on the input is usually required.
```markdown
Vin (15V) ----[ REF02AH ]---- Vout (5.00V)
| |
GND Trim (Optional Potentiometer)
```
- ⤷
How do I use the TRIM pin to adjust the output voltage exactly to 5.000V?
- ⤷ What is the difference between the REF02AH and the REF01?
- ⤷ Can the REF02AH be used as a low-current power supply?