RJS400-R
AI

## Overview of the RJS400-R
The **RJS400-R** is a high-performance **radial leaded resettable fuse**, belonging to the Polymeric Positive Temperature Coefficient (PPTC) family. These components are primarily used for overcurrent protection in electronic circuits.
### Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Hold Current ($I_{hold}$)** | 400mA (0.4A) |
| **Trip Current ($I_{trip}$)** | 800mA (0.8A) |
| **Maximum Voltage ($V_{max}$)** | 600V (AC/DC) |
| **Maximum Current ($I_{max}$)** | 3.0A |
| **Package Type** | Radial Leaded (Through-hole) |
| **Operating Temperature** | -40°C to +85°C |
---
### Internal Electronic Composition
The RJS400-R is not a traditional mechanical fuse; it is a solid-state device composed of a specialized **conductive polymer matrix**.
1. **Conductive Particles:** The device contains carbon black particles dispersed throughout a non-conductive crystalline polymer.
2. **Conductive State:** In normal operation, these particles form dense chains, allowing current to flow with very low resistance.
3. **Tripped State:** When an overcurrent occurs, the polymer heats up and expands. This expansion breaks the conductive chains, causing the resistance to increase exponentially, effectively "opening" the circuit.
4. **Reset Mechanism:** Once the fault is removed and the device cools down, the polymer shrinks, the chains reconnect, and the fuse returns to a low-resistance state.
---
### Comparison: RJS400-R vs. Standard Fuses
| Feature | RJS400-R (PPTC) | Standard Glass Fuse |
| :--- | :--- | :--- |
| **Reusability** | Resettable multiple times | Single-use (Must be replaced) |
| **Response Time** | Slower (Thermal based) | Fast (Melting based) |
| **Resistance** | Increases when tripped | Becomes infinite (Open circuit) |
| **Maintenance** | Low (Maintenance-free) | High (Requires physical swap) |
---
### Common Applications
Due to its high voltage rating (600V), the RJS400-R is frequently found in:
* **Telecommunications:** Protection for tip-and-ring interfaces.
* **Power Supplies:** Secondary side protection for transformers.
* **Modems/Routers:** Protection against lightning surges and power cross events.
* **Industrial Controls:** Protecting sensors and I/O ports from wiring errors.
---
- ⤷
What is the typical 'time-to-trip' for the RJS400-R at 1.0A?
- ⤷ Can the RJS400-R be used in automotive 12V systems despite its 600V rating?
- ⤷ How does ambient temperature affect the hold current of this PPTC?