Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • RM-01-T-R

  • AI
    The **RM-01-T-R** is a specific part number typically associated with **SMD (Surface Mount Device) high-precision resistors** or specialized **potentiometers**, often manufactured by companies like Taiyosha or similar electronic component brands. Below is a detailed breakdown of its typical specifications and characteristics based on the standard naming conventions for this series. ### 1. Component Overview The RM series usually refers to **Thick Film Chip Resistors** or small-form-factor trimmer components designed for high-density circuit placement. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor / Network | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | 0402 or 0603 (Standard metric/imperial sizes) | | **Termination** | Tin (Sn) plated over Nickel (Ni) barrier | | **Packaging** | Tape and Reel (T&R) | --- ### 2. Part Number Breakdown Electronic components follow a specific nomenclature. Here is how to decode **RM-01-T-R**: * **RM**: Indicates the Series (Resistor Network or Mini-Resistor). * **01**: Usually refers to the power rating or the physical size code (e.g., 1/16W or 0402 size). * **T**: Denotes the **Tolerance** or **Temperature Coefficient**. In many series, "T" stands for ±5% or a specific temp-co range. * **R**: Stands for **Packaging Type**, specifically **Reel** (for automated pick-and-place machines). --- ### 3. Electrical Characteristics These parts are designed for stability and reliability in consumer electronics. * **Operating Temperature**: Generally ranges from **-55°C to +125°C**. * **Working Voltage**: Maximum limits usually fall between **25V to 50V** depending on the footprint size. * **Resistance Range**: Available from **1Ω to 10MΩ** (check specific datasheet for the "01" sub-value). --- ### 4. Typical Applications The RM-01-T-R is commonly found in: 1. **Mobile Devices**: Due to the small SMD footprint. 2. **Automotive Modules**: Used in non-critical control circuits. 3. **Computing**: Motherboards and peripheral daughtercards. 4. **Signal Conditioning**: Used in pull-up or pull-down configurations. --- ### 5. Handling and Soldering Since this is an SMD component, it requires specific handling to ensure longevity: ```markdown 1. Reflow Soldering: Recommended (Standard Lead-Free profile). 2. Moisture Sensitivity: Usually MSL 1 (Unlimited floor life at <30°C/85% RH). 3. Storage: Keep in original Tape & Reel packaging to prevent terminal oxidation. ```
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value for a specific RM-01-T-R variant?
    • ⤷ Are there AEC-Q200 qualified versions of this resistor?
    • ⤷ What is the physical footprint dimension for the '01' size code?