Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • RTS-1D2-R/E

  • AI
    The **RTS-1D2-R/E** is a specific model of an **Automatic Transfer Switch (ATS)** control component, typically used in power management and generator control systems. It is designed to monitor power sources and manage the switching between a primary source (utility) and a backup source (generator). --- ### 1. Key Electronic Components and Features The RTS-1D2-R/E integrates several electronic subsystems to ensure reliable power transition: | Component Type | Function | Details | | :--- | :--- | :--- | | **Microprocessor** | Logic Controller | Orchestrates timing, voltage sensing, and switching logic. | | **Voltage Sensors** | Monitoring | Constantly monitors Phase and Neutral for over/under voltage conditions. | | **Electromechanical Relays** | Switching | High-quality relays that trigger the physical transfer mechanism. | | **Status LEDs** | Interface | Visual indicators for "Source Available," "Transfer Pending," and "Fault." | | **Terminal Blocks** | Connectivity | Heavy-duty screw terminals for AC input, output, and control signals. | --- ### 2. Functional Specifications The electronic design is optimized for industrial and residential backup systems: * **Dual Power Input:** Designed to handle two independent AC sources. * **Time Delay Logic:** * *TDES (Time Delay Engine Start):* Prevents the generator from starting during momentary flickers. * *TDEN (Time Delay Emergency to Normal):* Ensures the utility is stable before switching back. * **In-phase Monitor:** Some versions include electronics to ensure the two sources are synchronized before transitioning to prevent motor damage (Open Transition). --- ### 3. Connection Pinout (General) The electronic board typically features the following interface points: ```yaml Terminal Layout: - [N]: Neutral Connection - [L1/L2]: Utility Sensing Lines - [G1/G2]: Generator Sensing Lines - [C/NO/NC]: Dry contacts for Remote Start Signal - [Load]: Output to the Transfer Mechanism Coil ``` --- ### 4. Application Context The "R/E" suffix often denotes specific configurations regarding **Relay Output** or **Electronic Control** sensitivities. These parts are commonly found in: 1. **Telecommunication Sites:** For uninterruptible power. 2. **Residential Generators:** Compatible with brands like Generac or Kohler (depending on the specific OEM branding). 3. **Industrial Control Panels:** Acting as the "brain" for larger contactors.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage thresholds for the RTS-1D2-R/E?
    • ⤷ How do you troubleshoot a failure to transfer in this specific model?
    • ⤷ Is this part compatible with 3-phase power systems?