Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • RVC-50V100MF61UN-R2

  • AI
    The part number **RVC-50V100MF61UN-R2** corresponds to an Aluminum Electrolytic Capacitor, typically designed for surface mount (SMD) applications. These components are commonly used for filtering, decoupling, and energy storage in electronic circuits. ### 1. Part Number Breakdown Based on standard industry naming conventions for Elna or similar manufacturers, the code can be decoded as follows: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **RVC** | Series Code | Vertical Chip Type (SMD), Standard/Low Impedance | | **50V** | Voltage Rating | 50 Volts (DC Maximum) | | **100** | Capacitance Value | 100 Microfarads (µF) | | **M** | Tolerance | ±20% | | **F61** | Case Size | Refers to physical dimensions (e.g., 6.3mm x 5.8mm) | | **UN** | Internal Code | Manufacturing or plating specification | | **R2** | Packaging | Taping and Reel (for automated pick-and-place) | --- ### 2. Key Technical Specifications Below are the estimated technical parameters for this specific component: * **Capacitance:** 100 µF * **Rated Voltage:** 50V DC * **Operating Temperature:** Typically -40°C to +85°C or +105°C (depending on the specific series revision). * **Mounting Type:** Surface Mount Device (SMD). * **Polarity:** Polarized (must be installed with correct positive/negative orientation). * **Termination:** Lead-free / RoHS compliant. --- ### 3. Functional Role in Circuits This capacitor serves several critical functions in a PCBA (Printed Circuit Board Assembly): 1. **Voltage Smoothing:** Placed after a voltage regulator to reduce "ripple" or noise in power supply lines. 2. **Energy Reservoir:** Provides a local charge buffer to handle sudden spikes in current demand from integrated circuits (ICs). 3. **DC Blocking:** Allows AC signals to pass while blocking DC offsets in signal processing paths. --- ### 4. Identification and Handling When identifying this part on a circuit board: * **Marking:** Look for the "100" and "50V" printed on the top of the aluminum cylinder. * **Polarity Mark:** A black or colored band on the top of the capacitor indicates the **Negative (-)** terminal. * **Soldering:** Being an SMD component, it requires a specific reflow profile to avoid damaging the internal electrolyte.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the F61 case size for this capacitor?
    • ⤷ Can I substitute a 50V 100uF capacitor with a higher voltage rating like 63V?
    • ⤷ How does the ESR (Equivalent Series Resistance) affect the performance of this part?