AI

The **RW3P-R015-KT** is a high-precision, high-power wirewound resistor. These components are typically utilized in industrial and power electronics for current sensing, power dissipation, and voltage division.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RW3P | Power Wirewound (SMD/Surface Mount) |
| **Power Rating** | 3 Watts | The maximum power it can dissipate safely. |
| **Resistance Value** | 0.015 Ω (15mΩ) | Extremely low resistance, ideal for sensing. |
| **Tolerance** | ±10% (K) | The allowable variance from the nominal resistance. |
| **Packaging** | Tape & Reel (T) | Standard format for automated assembly. |
---
## 2. Key Features
* **Wirewound Construction:** Made by winding a resistive wire (usually a nickel-chromium alloy) around a ceramic core. This provides excellent thermal stability.
* **High Power Density:** Despite its small footprint, it can handle 3 Watts of power, provided there is adequate heat sinking or PCB copper area.
* **Flameproof Coating:** The exterior is typically coated with a UL-grade material to prevent fire in the event of an overload.
* **Low Inductance:** Designed to minimize inductive effects, which is critical for high-frequency switching applications.
---
## 3. Typical Applications
The RW3P-R015-KT is commonly found in the following circuits:
1. **Current Sensing:** Because of its 0.015 Ω value, it is used to measure current flow by monitoring the voltage drop across the resistor ($V = I \times R$).
2. **Motor Controllers:** Managing surge currents and monitoring motor load.
3. **Power Supplies (SMPS):** Acting as a shunt resistor in feedback loops.
4. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in high-capacity battery packs.
---
## 4. Engineering Considerations
* **Heat Dissipation:** At 3W, this component will get hot. Ensure the PCB traces are wide enough to act as a heat sink.
* **Voltage Drop:** At its rated power, the current through a $0.015 \Omega$ resistor is roughly $14.1$ Amps ($P = I^2R$). Verify that your circuit traces can handle this amperage.
* **Temperature Coefficient (TCR):** Wirewound resistors generally have a low TCR, meaning their resistance won't change drastically as the component heats up.
- ⤷
What is the temperature coefficient (TCR) for the RW3P series?
- ⤷ Can this resistor be used in high-frequency pulse applications?
- ⤷ What are the footprint dimensions for the RW3P SMD package?