Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • S28A5T175B2

  • AI
    The **S28A5T175B2** is a specialized electronic component, typically categorized as a **High-Power RF Termination** (also known as a dummy load). These components are critical in RF (Radio Frequency) and microwave engineering to safely dissipate power. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this class of RF termination: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Termination / Dummy Load | | **Power Rating** | 175 Watts (Continuous) | | **Impedance** | 50 Ohms ($\pm$ 5%) | | **Frequency Range** | DC to 3.0 GHz (Commonly used in Telecom) | | **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | | **Mounting Style** | Tabbed / Flange Mount | --- ### 2. Key Electronic Parts & Construction The device is composed of several critical layers and materials designed to handle high thermal stress: * **Resistive Element:** A thin-film or thick-film resistive layer (usually Tantalum Nitride or similar) that converts electrical energy into heat. * **Substrate:** The ceramic base (often BeO) provides electrical isolation while offering high thermal conductivity to move heat away from the resistor. * **Contact Tab:** A conductive lead (often silver-plated or gold-plated copper) used to solder the component to the RF trace. * **Flange/Baseplate:** A nickel-plated copper base used to bolt the part to a heat sink. This is the "ground" and the primary thermal path. --- ### 3. Circuit Application In an electronic system, the S28A5T175B2 serves three primary functions: 1. **Impedance Matching:** It terminates a transmission line in its characteristic impedance (50 Ohms) to prevent signal reflections (VSWR). 2. **Power Absorption:** In a Wilkinson Power Divider or a Hybrid Coupler, this part absorbs the "isolated" power to protect active components like transistors. 3. **Circuit Testing:** It acts as a "dummy load" during transmitter testing to prevent broadcasting signals over the air. ### 4. Critical Handling Notes * **Thermal Management:** Because this part handles **175 Watts**, it *must* be mounted to a massive heat sink with thermal grease. Without a heat sink, the part will fail within seconds. * **BeO Safety:** If the substrate contains Beryllium Oxide (BeO), it is toxic if crushed or inhaled. Do not grind or break the ceramic casing. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum VSWR rating for the S28A5T175B2?
    • ⤷ How does the power rating derate as temperature increases?
    • ⤷ What are the physical dimensions and mounting hole spacing?