Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SBS-32-R

  • AI
    The **SBS-32-R** typically refers to a high-performance **VMEbus (Versa Module Europa) Single Board Computer (SBC)**, often associated with GE Intelligent Platforms (formerly SBS Technologies). These boards are designed for rugged, industrial, and legacy embedded computing environments. --- ### 1. Core Hardware Specifications The SBS-32-R is built on a specific architecture designed for real-time processing and durability. | Component | typical Specification | |:---|:---| | **Processor** | Intel Pentium III / Celeron or early Pentium M (Depending on revision) | | **Bus Interface** | VME64 (6U Form Factor) | | **Memory (RAM)** | SDRAM or DDR (Support for ECC often included) | | **Storage** | Onboard Flash memory and EIDE interfaces | | **Expansion** | PMC (PCI Mezzanine Card) slots for adding modular I/O | --- ### 2. Key Electronic Features #### A. VMEbus Interface The "heart" of the board's connectivity is the VMEbus interface. It uses specialized bridge chips to translate PCI signals from the processor to VME signals, allowing it to communicate with legacy industrial backplanes. #### B. PMC Expansion Slots The board usually features one or two **PMC slots**. This allows the user to add "daughter cards" for specific electronic functions such as: * Additional Ethernet ports. * MIL-STD-1553 or ARINC 429 interfaces (for aerospace). * Digital/Analog I/O modules. #### C. Ruggedization (The "-R" Suffix) The "-R" in the model number often signifies a **Ruggedized** version. This involves specific electronic and mechanical enhancements: * **Conformal Coating:** A chemical coating applied to the PCB to protect against moisture, dust, and chemicals. * **Extended Temperature Range:** Components are rated to operate from -40°C to +85°C. * **Shock/Vibration Resistance:** Stiffeners and extra soldering are used to ensure reliability in high-vibration environments. --- ### 3. Connection and I/O Ports The front panel and backplane (P1/P2) provide the physical interface for electronic signals: 1. **Ethernet:** 10/100 Mbps ports for network communication. 2. **Serial Ports:** RS-232/422/485 for console management and sensor data. 3. **USB:** Standard peripheral connectivity (in later revisions). 4. **VGA/Graphics:** Integrated video controller for local monitoring. --- ### 4. Use Case Example: Industrial Control ```python # Conceptual logic for a VME system monitoring sensors via SBS-32-R def monitor_vme_backplane(): # Board initializes VME bridge to talk to remote I/O cards status = board.vme_bridge.read_status(address=0x00FF00) if status == "ALARM": board.trigger_rugged_interrupt() print("Safety protocol engaged via SBS-32-R logic.") ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the standard and ruggedized versions of the SBS-32?
    • ⤷ Which operating systems are compatible with the SBS-32-R board?
    • ⤷ How do I configure the PMC slots for additional I/O?