Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SBS-BC-R

  • AI
    Based on the model number, the **SBS-BC-R** typically refers to a **Battery Monitoring System (BMS)** or a **Battery Controller** manufactured by companies like *Storage Battery Systems (SBS)*. These units are designed to monitor and manage lead-acid or NiCad battery banks. --- ### ## Core Electronic Components The SBS-BC-R is a sophisticated electronic assembly consisting of several key functional blocks: | Component Type | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | Processes sensor data, executes control logic, and manages communication protocols. | | **A/D Converters** | Signal Conversion | High-precision Analog-to-Digital converters that transform battery voltage/current into digital data. | | **Isolation Circuitry** | Safety | Opto-isolators or magnetic isolators that separate high-voltage battery DC from low-voltage logic circuits. | | **Communication Ports** | Connectivity | Integrated RS485, Ethernet (TCP/IP), or Modbus interfaces for remote monitoring. | | **LCD/LED Interface** | Visual Output | Driver circuits for the front-panel display to show real-time metrics. | --- ### ### Key Monitoring Capabilities The electronic architecture is specifically designed to measure the following parameters: 1. **Individual Cell Voltage:** High-impedance inputs measure each cell to identify weak points in the string. 2. **String Current:** Utilizes a Hall Effect sensor or a Shunt to measure charging and discharging rates. 3. **Ambient & Pilot Temperature:** Thermistor-based circuits monitor for thermal runaway conditions. 4. **Internal Resistance:** Advanced circuitry injects a small load or pulse to calculate the Ohmic value of cells. --- ### ### Technical Specifications (Typical) The electronic design usually conforms to the following standards: * **Input Voltage:** Typically powered by the battery string itself (e.g., 24V, 48V, or 125V systems). * **Accuracy:** Voltage measurement accuracy is often within $\pm 0.1\%$. * **Alarms:** Integrated "Dry Contact" relays (Form C) for physical alarm triggering (high temp, low voltage). --- ### ### Application Architecture ```mermaid graph LR A[Battery String] --> B(Sensors/Leads) B --> C{SBS-BC-R Controller} C --> D[Local Display] C --> E[RS485/Modbus] C --> F[Alarm Relays] ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the voltage readings on an SBS-BC-R unit?
    • ⤷ What are the common fault codes associated with this controller?
    • ⤷ Can this unit be integrated into a SCADA system via SNMP?