Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SBS-DC-R/E

  • AI
    The **SBS-DC-R/E** is a specific electronic sub-assembly typically used in **Power Supply Units (PSUs)** or **Battery Backup Systems**, often associated with telecommunications or industrial power equipment. It functions primarily as a **Remote Monitoring and Control Interface** for DC power systems. --- ### 1. Primary Functionality The "SBS" prefix usually stands for **Smart Battery System** or a proprietary series identifier. This specific part serves the following roles: | Component Function | Description | | :--- | :--- | | **Voltage Monitoring** | Tracks real-time DC output voltage to ensure stability. | | **Alarm Reporting** | Triggers dry contact closures or digital signals during power failure or low battery. | | **Communication** | Interfaces with a master controller via serial or network protocols. | | **Distribution** | Distributes DC power from the main bus to specific load branches. | --- ### 2. Key Electronic Components The board consists of several critical stages: #### A. Control Logic (The "Brain") * **Microcontroller/ASIC:** Processes incoming analog signals (voltage/current) and converts them into digital data. * **EEPROM:** Stores configuration settings and alarm thresholds. #### B. Signal Isolation * **Optocouplers:** Provide galvanic isolation between the high-current DC bus and the sensitive low-voltage control circuits. * **Relays:** Used for "Dry Contact" alarms to signal external equipment. #### C. Power Regulation * **Step-Down Converters (Buck Regulators):** Converts the system DC (e.g., 48V) down to 3.3V or 5V to power the onboard logic. --- ### 3. Connection Interface The "R/E" suffix often refers to the physical configuration (Rack-mount or External interface). Common ports found on these boards include: 1. **RS-232 / RS-485:** For local diagnostic connections. 2. **RJ45 (Ethernet):** If the unit supports SNMP or Web-based monitoring. 3. **Terminal Blocks:** For connecting battery strings and load sensors. ### 4. Technical Specifications (Typical) While specifications can vary by manufacturer, they generally follow these standards: ```yaml System_Voltage: 24VDC / 48VDC (Nominal) Operating_Temp: -10°C to +60°C Alarm_Types: Low Voltage, Rectifier Fail, Fuse Blown Mounting: Internal to DC Power Shelf or DIN Rail ``` --- ### Summary The **SBS-DC-R/E** is the bridge between the raw electrical power and the management software. It ensures that the power system is not only delivering electricity but is also reporting its health to the network administrator.
    ✨ Follow-up Questions
    • ⤷What are the most common failure points in SBS-DC series boards?
    • ⤷ How do I test the dry contact alarms on an SBS-DC-R/E?
    • ⤷ Is this part compatible with SNMP v3 for secure remote monitoring?