Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SC1474

  • AI
    The **SC1474** is a high-efficiency, integrated power management IC (PMIC) primarily used as a **Single-Phase Synchronous Buck (Step-Down) Regulator Controller**. It is commonly found in laptop motherboards, embedded systems, and portable electronics to provide stable low-voltage power to CPUs, GPUs, or DDR memory. --- ## 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3V to 25V | | **Output Voltage Range** | 0.5V to 5V (Adjustable) | | **Output Current** | Up to 25A (Depending on external MOSFETs) | | **Switching Frequency** | 200kHz to 600kHz (Programmable) | | **Efficiency** | Up to 95% | | **Package Type** | TSSOP-38 or MLP-32 | --- ## 2. Main Functional Components The SC1474 integrates several internal circuits to manage power delivery effectively: ### A. PWM Controller It uses a **Pseudo-Fixed Frequency** architecture (Constant On-Time control). This allows for an extremely fast transient response to sudden changes in load, which is critical for modern processors. ### B. Gate Drivers The IC includes built-in high-side and low-side gate drivers designed to drive external N-Channel MOSFETs. It features "cross-conduction protection" to ensure both MOSFETs are never on at the same time, preventing short circuits. ### C. Protection Circuitry * **Over-Voltage Protection (OVP):** Shuts down the device if the output exceeds a set threshold. * **Under-Voltage Protection (UVP):** Protects the load if the voltage drops too low. * **Over-Current Protection (OCP):** Uses the $R_{DS(on)}$ of the lower MOSFET to sense current without needing an external sense resistor. * **Thermal Shutdown:** Protects the chip from overheating. --- ## 3. Typical Application Schematic Layout To function, the SC1474 requires several external components: ```mermaid graph LR Vin[Input 12V/19V] --> MOSFET_High[High-Side MOSFET] SC1474[SC1474 Controller] -- PWM --> MOSFET_High SC1474 -- PWM --> MOSFET_Low[Low-Side MOSFET] MOSFET_High --> Inductor[Power Inductor] MOSFET_Low --> Inductor Inductor --> Caps[Filter Capacitors] Caps --> Vout[Stable Vcore/Vmem] Vout -- Feedback --o SC1474 ``` --- ## 4. Common Use Cases 1. **Notebook Computers:** Generating the `VCore` for mobile processors. 2. **DDR Memory Power:** Providing the 1.2V, 1.5V, or 1.8V rails required for RAM. 3. **Point-of-Load (POL) Converters:** Used in networking gear to step down 12V bus voltages to 3.3V or lower for logic chips.
    ✨ Follow-up Questions
    • What are the differences between the SC1474 and the SC1476?
    • How do you calculate the feedback resistor values for a specific output voltage?
    • What are the common failure symptoms of this IC in laptop repair?