Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SISH85-R33

  • AI
    ## Overview of the SISH85-R33 Inductor The **SISH85-R33** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply filtering. It is part of the SISH series, known for its high power handling capabilities relative to its size. --- ### 1. Key Technical Specifications The part number follows a standard convention where "R33" denotes the inductance value. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (microhenries) | | **Tolerance** | Usually ±20% (M) or ±30% (N) | | **DCR (DC Resistance)** | Very low (typically in the range of 2-5 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 15A - 25A depending on manufacturer) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | Approx. 8.0 x 8.0 x 5.0 mm | --- ### 2. Physical Construction The "SISH" series typically employs a **shielded construction**: * **Core Material:** Ferrite or Iron Powder. Ferrite cores offer high efficiency, while powder cores handle saturation more gracefully. * **Shielding:** The component is magnetically shielded to minimize Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. * **Terminals:** Solder-plated copper pads located on the bottom of the component for surface mounting. --- ### 3. Functional Role in Electronics The SISH85-R33 serves three primary functions in a circuit: 1. **Energy Storage:** In Buck (step-down) converters, it stores energy in its magnetic field during the "ON" cycle and releases it to the load during the "OFF" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out high-frequency ripple current from switching power supplies. 3. **Impedance Matching:** Provides the necessary reactance to stabilize switching regulators at high frequencies. --- ### 4. Typical Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards. * **Distributed Power Systems:** Used in industrial automation and telecommunications. * **Battery Powered Devices:** High efficiency ensures longer battery life by reducing heat loss ($I^2R$ loss). --- ### 5. Identification Code Breakdown ```text SISH 85 - R33 | | | Series Size Value (0.33uH) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the SISH85-R33 from other manufacturers?
    • ⤷ How does the saturation current of the R33 compare to higher inductance values in the same series?
    • ⤷ What is the recommended solder profile for this SMD component?