Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SN761663DGK

  • AI
    ## Overview of SN761663DGK The **SN761663DGK** is a high-performance, digitally controlled **TV Tuner IC** manufactured by Texas Instruments. It is primarily designed for high-frequency signal processing in digital and analog television systems. --- ### 1. Core Technical Specifications The SN761663DGK integrates several functional blocks into a single MSOP-8 package to minimize board space and power consumption. | Parameter | Specification | |:---|:---| | **Function** | Digital TV Tuner IC | | **Operating Voltage** | 5V (Typical) | | **Package Type** | MSOP-8 (DGK) | | **Control Interface** | 3-Wire Bus (Serial) | | **Frequency Range** | VHF to UHF bands | | **Current Consumption** | ~35mA to 50mA | --- ### 2. Key Internal Components The chip functions through three primary electronic stages: 1. **Oscillator and Mixer:** It includes an on-chip local oscillator that works in conjunction with an external crystal to down-convert high-frequency RF signals to Intermediate Frequencies (IF). 2. **Phase-Locked Loop (PLL):** A frequency synthesizer that ensures precise tuning and stability of the carrier signal. 3. **Digital Control Logic:** The 3-wire serial interface allows a microcontroller to program the frequency dividers and operational modes. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Pin Name | Description | |:---:|:---|:---| | 1 | **Vcc** | Power Supply (5V) | | 2 | **XTAL** | Crystal Oscillator Input | | 3 | **DATA** | Serial Data Input | | 4 | **CLOCK** | Serial Clock Input | | 5 | **ENABLE** | Bus Enable / Strobe | | 6 | **TUNE** | Tuning Voltage Output | | 7 | **GND** | Ground | | 8 | **FLT** | Loop Filter Connection | --- ### 4. Applications * **Digital TV Tuners:** Used in Set-Top Boxes (STBs) and integrated TV receivers. * **Cable Modems:** Managing signal down-conversion for data processing. * **PC TV Cards:** Small form-factor tuner modules for computers. * **Radio Receivers:** Frequency synthesis in specialized communication equipment. --- ### 5. Implementation Example (Basic Logic) To communicate with the SN761663, a microcontroller typically sends a 19-bit or 27-bit data stream to set the frequency. ```c // Pseudocode for setting frequency via 3-wire bus void setTunerFrequency(uint32_t frequencyData) { digitalWrite(ENABLE_PIN, LOW); // Start transmission for(int i = 0; i < 19; i++) { digitalWrite(DATA_PIN, (frequencyData >> i) & 0x01); digitalWrite(CLOCK_PIN, HIGH); delayMicroseconds(1); digitalWrite(CLOCK_PIN, LOW); } digitalWrite(ENABLE_PIN, HIGH); // Latch data } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the SN761663DGK?
    • ⤷ How does the loop filter (FLT) pin affect the tuning stability?
    • ⤷ Are there modern pin-to-pin compatible replacements for this IC?