SS11VL-R04520
AI

The **SS11VL-R04520** is a common mode choke coil manufactured by KEMET (specifically within the SS series). It is designed for noise suppression in power supply circuits.
---
## 1. Technical Specifications
The part number encodes specific electrical characteristics. Below are the primary specifications for this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance (Min)** | 52.0 mH |
| **Rated Current (AC)** | 0.4 A |
| **DC Resistance (Max)** | 1.80 $\Omega$ |
| **Rated Voltage** | 250 VAC |
| **Operating Temp Range** | -25°C to +120°C |
| **Mounting Type** | Through-hole (PCB) |
---
## 2. Key Features & Construction
* **High Permeability Core:** Uses a specialized ferrite core to achieve high inductance in a compact vertical form factor.
* **Split Bobbin Design:** The "VL" designation typically refers to a vertical mount with a split bobbin. This design provides excellent separation between the two coils, enhancing insulation and reducing parasitic capacitance.
* **Compact Footprint:** The "11" in the series refers to the approximate core size, making it suitable for high-density power supply boards.
---
## 3. Applications
The SS11VL-R04520 is primarily used as an **EMI (Electromagnetic Interference) Filter**. Common applications include:
1. **Switch Mode Power Supplies (SMPS):** Filtering out high-frequency noise generated by switching transistors.
2. **LED Lighting:** Ensuring compliance with electromagnetic compatibility (EMC) standards.
3. **Consumer Electronics:** Used in AC adapters for laptops, televisions, and home appliances.
4. **Audio-Visual Equipment:** Preventing power line noise from affecting signal integrity.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SS:** Series name (Compact Common Mode Choke).
* **11:** Core size dimension.
* **VL:** Vertical type mounting configuration.
* **R04:** Rated current (0.4 Amperes).
* **520:** Nominal inductance value (520 $\times$ 10² $\mu$H = 52 mH).
- ⤷
What is the difference between the VL (vertical) and HL (horizontal) versions of this choke?
- ⤷ How do I calculate the power loss for this component based on the DC resistance?
- ⤷ Can this choke be used for DC-DC converters
- ⤷ or is it strictly for AC lines?