SS11VL-R11076
AI

### Overview of SS11VL-R11076
The **SS11VL-R11076** is a high-performance **Common Mode Choke Coil** (Inductor) manufactured by KEMET (formerly NEC TOKIN). It is specifically designed for noise suppression in power supply circuits.
---
### Technical Specifications
The following table outlines the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance (Min)** | 7.6 mH |
| **Rated Current (AC)** | 1.1 A |
| **DC Resistance (Max)** | 400 mΩ (per line) |
| **Rated Voltage** | 250 VAC |
| **Temperature Rise (Max)** | 45 K |
| **Operating Temp Range** | -25°C to +120°C |
| **Mounting Type** | Through-Hole (THT) |
---
### Key Electronic Parts & Construction
#### 1. Ferrite Core
* **Material:** Uses a high-permeability manganese-zinc (Mn-Zn) ferrite core.
* **Function:** Concentrates the magnetic flux to provide high impedance against common-mode noise while allowing the desired differential-mode current to pass with minimal interference.
#### 2. Winding Structure (Standard Type)
* **Configuration:** The "VL" in the series name indicates a **Vertical Type** orientation.
* **Coils:** Two separate windings are wound onto the same core. They are wound in such a way that the magnetic fields generated by the supply and return currents cancel each other out for normal signals, but add together to block noise.
#### 3. Bobbin and Base
* **Material:** Flame-retardant resin (UL94 V-0 rated).
* **Design:** The vertical orientation reduces the PCB "footprint" area, making it ideal for compact power supply designs where horizontal space is limited.
---
### Applications
The SS11VL-R11076 is primarily used for **Electromagnetic Interference (EMI)** filtering in:
* Switching power supplies (AC/DC converters).
* LED lighting ballasts.
* Consumer electronics (TVs, Audio equipment).
* Office automation equipment.
---
### Pin Configuration & Dimensions
The "R" in the part number signifies the specific winding and pin layout.
* **Vertical Mount:** Saves board space.
* **Lead Pitch:** Standardized for easy insertion into automated PCB assembly lines.
- ⤷
What is the difference between common mode and differential mode noise in this context?
- ⤷ Can this component be used in DC-to-DC converter applications?
- ⤷ How does the 7.6 mH inductance value affect the cutoff frequency?