Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SS1A

  • AI
    The **SS1A** typically refers to a specific type of **Surface Mount Schottky Barrier Rectifier Diode**. It is widely used in electronic circuits for rectification, protection, and switching applications due to its low forward voltage drop and fast switching speed. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of a standard SS1A diode: | Feature | Specification | | :--- | :--- | | **Package Type** | SMA (DO-214AC) | | **Forward Current ($I_F$)** | 1.0 Ampere | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 50V to 100V (depending on manufacturer) | | **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.7V (Typical) | | **Operating Temperature** | -55°C to +150°C | | **Reverse Recovery Time** | Negligible (Fast Switching) | --- ### 2. Major Components & Design The SS1A is an integrated semiconductor device. Its construction consists of the following "parts": * **Schottky Junction:** Unlike standard PN junction diodes, the SS1A uses a metal-to-semiconductor contact. This allows for much faster switching and lower power loss. * **Encapsulation:** It is housed in a molded plastic case (SMA) that is flame retardant (UL 94V-0 rated). * **Lead Terminals:** Tin-plated leads designed for Surface Mount Technology (SMT) soldering on Printed Circuit Boards (PCBs). * **Cathode Band:** A visible stripe on the body indicating the cathode side for correct polarity during installation. --- ### 3. Common Applications Due to its efficiency, the SS1A is found in several types of electronic assemblies: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is off. 2. **Reverse Polarity Protection:** Protects sensitive components if the battery or power supply is connected backward. 3. **AC-DC Rectification:** Converting low-voltage AC to DC in small power adapters. 4. **Clamping Circuits:** Used to limit voltage spikes in high-frequency switching circuits. --- ### 4. Typical Connection Diagram In a simple protection circuit, the SS1A is placed in series with the positive rail: ```text [Power Source (+)] ---->|---- [Load/Circuit] SS1A (Anode to Cathode) ``` ---
    ✨ Follow-up Questions
    • What is the difference between an SS1A and a standard 1N4007 diode?
    • How do I identify the polarity of an SS1A on a PCB?
    • What are the power dissipation limits for the SMA package?