Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • SS2509-R

  • AI
    The **SS2509-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) manufactured by companies like **Shinmei**. These switches are widely used in consumer electronics for user interface buttons. --- ### 1. General Specifications The "SS" series usually denotes a side-actuated or slide-style tactile switch, often designed for surface mount (SMT) or through-hole applications. | Feature | Typical Specification | | :--- | :--- | | **Type** | Tactile Switch / Micro Switch | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Circuit** | SPST (Single Pole Single Throw) | | **Contact Rating** | 50mA @ 12V DC (standard) | | **Operating Force** | 160gf to 250gf (varies by sub-model) | | **Life Cycle** | 100,000+ operations | --- ### 2. Key Physical Components The SS2509-R consists of several integrated layers and parts: 1. **Actuator (Stem):** The physical part the user presses. In the "R" variant, this is often a low-profile or right-angle component. 2. **Metal Dome:** This is the heart of the switch. It provides the "click" feel (tactile feedback) and creates the electrical bridge when compressed. 3. **Contacts:** Usually gold or silver-plated to ensure low contact resistance and prevent oxidation. 4. **Housing/Base:** Made of high-temperature thermoplastic (like LCP) to withstand reflow soldering temperatures. 5. **Terminals:** The "legs" that connect the switch to the Printed Circuit Board (PCB). --- ### 3. Deciphering the Part Number (SS2509-R) * **SS:** Series designation (often indicating Small/Slide/Side-actuated). * **2509:** Size and mechanical configuration code (Dimensions are roughly 2.5mm x 9mm footprint, though this varies by manufacturer). * **-R:** Usually stands for **Tape & Reel** packaging (suitable for automated pick-and-place machines) or **Right-angle** orientation. --- ### 4. Common Applications Due to its small footprint and reliability, this part is found in: * **Mobile Devices:** Volume rockers or power buttons. * **Wearables:** Smartwatches and fitness trackers. * **Medical Tools:** Portable diagnostic handhelds. * **Consumer Electronics:** Remote controls and digital cameras. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the SS2509-R footprint?
    • ⤷ Is the SS2509-R waterproof (IP rated)?
    • ⤷ What is the recommended soldering temperature profile for this component?