T627
AI

The **T627** usually refers to a high-power **Phase Control Thyristor (SCR)**, specifically manufactured by companies like Powerex or Westinghouse. These components are designed for high-voltage and high-current industrial applications.
---
## 1. Component Overview
The T627 is a "Disc" or "Hockey Pucker" type thyristor. Unlike standard transistors, it is used as a controlled switch that can handle massive electrical loads, triggered by a small gate signal.
### Technical Specifications (Typical)
| Parameter | Typical Value Range |
| :--- | :--- |
| **Voltage ($V_{DRM}/V_{RRM}$)** | 400V to 1800V |
| **Current ($I_{T(avg)}$)** | 350A to 500A (depending on suffix) |
| **Package Type** | T62 (Hockey Puck) |
| **Switching Speed** | Standard recovery / Fast switching (T627...F) |
---
## 2. Internal Structure and Operation
A thyristor is a four-layer **P-N-P-N** semiconductor device.
* **Anode & Cathode:** The main terminals for high-power flow.
* **Gate:** The control terminal. Once a pulse is sent to the gate, the device "latches" into a conductive state and remains on until the current drops below a holding threshold.
* **Disc Construction:** The silicon wafer is sandwiched between two metal plates. This requires external pressure (clamping) to ensure proper electrical contact and heat dissipation.
---
## 3. Key Electronic Features
* **High di/dt and dv/dt:** These parts are engineered to withstand rapid changes in current and voltage without self-destructing or false-triggering.
* **Amplifying Gate:** Many T627 models feature an internal "amplifying gate" structure, which allows a small input signal to quickly spread the conduction area across the silicon wafer.
* **Compression Bonded:** The internal parts are held together by mechanical pressure rather than solder, which improves thermal cycling life.
---
## 4. Common Applications
The T627 is found in heavy industrial electronics, including:
1. **Motor Starters:** Controlling large AC and DC motors.
2. **Power Supplies:** Large-scale rectification for electrochemical processes or plating.
3. **Welding Equipment:** High-current switching for industrial arc welders.
4. **Induction Heating:** Used in the power conversion stage for melting metals.
---
## 5. Identifying the Part Number
The full part number (e.g., **T6270820**) provides specific details:
* **T627:** The basic series/frame size.
* **First two digits (e.g., 08):** Voltage rating ($\times 100$). 08 = 800V.
* **Next two digits (e.g., 20):** Average current rating ($\times 10$). 20 = 200A or specific factory code.
- ⤷
How do you properly mount or clamp a T627 'Hockey Puck' SCR?
- ⤷ What is the difference between the T627 and the T727 series?
- ⤷ How can I test if a T627 thyristor is defective using a multimeter?