Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • TCS-46-R/Q

  • AI
    The **TCS-46-R/Q** is a specific series of high-precision, low-profile **Temperature Compensated Crystal Oscillators (TCXO)** or **Voltage Controlled Temperature Compensated Crystal Oscillators (VCTCXO)**. These components are critical in telecommunications and navigation systems where frequency stability is paramount. --- ### 1. Key Technical Specifications The "R" and "Q" suffixes typically denote variations in packaging or output signal types (such as CMOS vs. Clipped Sine Wave). | Feature | Specification Details | | :--- | :--- | | **Frequency Range** | Typically 10.000 MHz to 52.000 MHz | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp range) | | **Supply Voltage** | 1.8V, 2.5V, 2.8V, or 3.3V DC | | **Current Consumption** | Low power (usually < 2.0 mA) | | **Operating Temperature** | -30°C to +85°C (Standard Industrial) | | **Package Size** | Ultra-miniature (approx. 2.0 x 1.6 mm or 2.5 x 2.0 mm) | --- ### 2. Electronic Architecture The TCS-46 series integrates several electronic sub-circuits into a single ceramic package: 1. **Quartz Crystal Blank:** The fundamental resonator that provides the base frequency. 2. **Compensation Network:** A temperature sensor combined with a compensation IC. This circuit adjusts the load capacitance of the crystal to counteract frequency "drift" caused by ambient temperature changes. 3. **Voltage Regulator:** Internal regulation ensures that fluctuations in the input supply voltage do not affect the output frequency. 4. **Output Buffer:** Drives the signal to the rest of the PCB. The **"R/Q"** variants often determine if the output is: * **Clipped Sine Wave:** Best for low phase noise and reduced EMI. * **CMOS/TTL:** Square wave for direct interfacing with digital microcontrollers. --- ### 3. Application Use Cases Because of its small footprint and high stability, this part is found in: * **GPS/GNSS Modules:** Precise timing is required to calculate positions from satellites. * **Smartphones/LTE:** Maintaining sync with cellular base stations. * **IoT Devices:** Low power consumption for battery-operated wireless sensors. * **Wi-Fi/Bluetooth:** Stabilizing the RF carrier frequency. --- ### 4. Pin Configuration (Typical) Most TCS-46 series components utilize a 4-pad surface mount (SMD) layout: ```text Pad 1: Vcont (for VCTCXO) or Ground/NC (for TCXO) Pad 2: Case Ground Pad 3: Output Signal Pad 4: Supply Voltage (Vcc) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes regarding output signal types?
    • ⤷ How does the temperature compensation circuit physically adjust the frequency?
    • ⤷ What are the soldering precautions for this specific SMD package?