Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • TCS-52-R/Q

  • AI
    The **TCS-52-R/Q** series typically refers to high-precision, heavy-duty industrial weighing indicators or controllers (often used in platform scales). These devices convert analog signals from load cells into digital weight readings. ### 1. Key Electronic Components The internal architecture of the TCS-52 series consists of several critical electronic modules: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **A/D Converter** | Analog-to-Digital Conversion | Converts the micro-voltage signal from load cells into digital data (often 20-bit or 24-bit resolution). | | **Microcontroller (MCU)** | Central Processing | Processes digital signals, handles calibration data, and manages the user interface. | | **Load Cell Port** | Input Interface | Usually a 4-wire or 6-wire connection (Excitation +/- and Signal +/-). | | **Display Module** | Visual Output | Typically high-contrast LED (Red) or LCD with backlight for weight visibility. | | **Power Supply** | Voltage Regulation | Includes a transformer or switching power supply (AC 110/220V) and a DC 6V/4Ah rechargeable battery circuit. | --- ### 2. Technical Specifications (Electronic) The "R/Q" variants often denote specific features like RS-232 connectivity (R) or specific housing/display types (Q). * **Excitation Voltage:** Usually 5V DC to power up to 4x 350Ω load cells. * **Input Sensitivity:** 1.5μV/d to 3μV/d. * **Signal Input Range:** -19mV to +19mV. * **Communication:** RS-232C serial port for connecting to PCs, printers, or remote displays. * **Battery Protection:** Low battery alarm and automatic shut-off to prevent deep discharge. --- ### 3. Circuit Interface Pinout (Standard DB9/Load Cell) For the "R" (RS-232) functionality, the electronic pinout is generally as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 2** | TXD | Transmit Data (to PC/Printer) | | **Pin 3** | RXD | Receive Data | | **Pin 5** | GND | Signal Ground | --- ### 4. Maintenance & Safety Tips 1. **Static Protection:** The A/D converter chip is sensitive to static electricity. Ensure the scale is properly grounded. 2. **Voltage Stability:** If using the AC adapter, ensure the line is stable to avoid "drifting" weight readings. 3. **Battery Care:** Charge the electronic unit for at least 12 hours before the first use to condition the lead-acid battery.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-52-R indicator?
    • ⤷ What is the wiring diagram for the 4-pin load cell connector?
    • ⤷ How do I fix an 'Err' message on the TCS-52 display?